Electronic Components Datasheet Search
  English  ▼

X  

BA8016 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA8016
Description  BNC TO FME ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA8016 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA8016 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.31 [33.27]
BNC JACK
NOTES:
1. CHARACTERISTIC IMPEDANCE: 50 OHMS
.39 [10]
FME PLUG
M8 X .75
NOTES:
MATERIAL:
BODY: BRASS
DIELECTRIC: ACETAL
CONTACT: BRASS
FINISH:
BODY: NICKEL PLATED
CONTACT: GOLD PLATED
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA8016
B
BA8016.SLDDRW
1
1
TJC
3/27/02
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
DFP
CM
3/28/02
3/28/02
3/28/02
A
B
RELEASED FOR PRODUCTION
ECN 3131: UPDATE DWG FORMAT
12/28/07
MCCORMICK
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
BNC TO FME ADAPTOR
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA8016

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA80 L-COM-BA80 Datasheet
44Kb / 1P
ADAPTER BNC F/BNC F, 50 OHM
05/02/01
BA8005 L-COM-BA8005 Datasheet
94Kb / 1P
BNC PLUG TO FME PLUG
3/28/02
logo
Rohm
BA80BC0FP ROHM-BA80BC0FP Datasheet
358Kb / 6P
1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA80BC0FP ROHM-BA80BC0FP Datasheet
392Kb / 10P
1A Secondary LDO Regulators for Local Power Supplies
BA80BC0FP-E2 ROHM-BA80BC0FP-E2 Datasheet
512Kb / 19P
1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BA8016

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9697 PASTERNACK-PE9697 Datasheet
72Kb / 1P
FME PLUG TO BNC MALE
PE9698 PASTERNACK-PE9698 Datasheet
74Kb / 1P
FME PLUG TO BNC MALE RIGHT ANGLE
PE9711 PASTERNACK-PE9711 Datasheet
252Kb / 2P
FME Jack to BNC Male Adapter
PE9712 PASTERNACK-PE9712 Datasheet
252Kb / 2P
FME Jack to BNC Female Adapter
PE35962 PASTERNACK-PE35962 Datasheet
268Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME PLUG TO BNC MALE
logo
Amphenol Corporation
B7071A1-ND3G-75 AMPHENOL-B7071A1-ND3G-75 Datasheet
53Kb / 1P
BNC FEMALE TO FEMALE ADAPTOR
logo
Rosenberger Hochfrequen...
26S153-S00A1 ROSENBERGER-26S153-S00A1 Datasheet
42Kb / 2P
ADAPTOR FME plug ??N plug
logo
Pasternack Enterprises,...
PE35959 PASTERNACK-PE35959 Datasheet
268Kb / 1P
CABLE ASSEMBLY, RG58C/U, FME PLUG TO BNC MALE
PE35964 PASTERNACK-PE35964 Datasheet
116Kb / 1P
CABLE ASSEMBLY, RG174A/U. FME PLUG TO BNC MALE
PE34864 PASTERNACK-PE34864 Datasheet
267Kb / 1P
CALBLE ASSEMBLY, RG142B/U, FME JACK TO BNC MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com