Electronic Components Datasheet Search
  English  ▼

X  

BA883 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA883
Description  MINI UHF PLUG TO BNC JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA883 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA883 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.25±.25 [31.8 [6.35]
BNC JACK
SPECIFICATIONS:
MATERIALS:
SHELL: BRASS
CONTACTS: BRASS
INSULATOR: TEFLON OR DELRIN
CENTER PIN: BRASS
FINISH:
SHELL: NICKEL PLATE
CONTACT: NICKEL PLATE
CENTER PIN: GOLD PLATE
ELECTRICAL:
NOMINAL IMPEDANCE: 50 ohm
MINI UHF PLUG
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA883
C
BA883.SLDDRW
1
1
C.MCCORMICK
05/01/2003
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
05/01/2003
05/02/2003
05/01/03
A
B
INITIAL RELEASE
REVISED OVERALL LENGTH AND TOL FROM 1.18 (ECN# 1565)
10/20/03
MCCORMICK
MCCORMICK
C
ECN 3134: UPDATE DWG FORMAT
12/31/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
.
.
.
.
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
MINI UHF PLUG TO BNC JACK
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA883

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA881 L-COM-BA881 Datasheet
72Kb / 1P
ADAPTOR, MINI-UHF TO TNC PLUG
04/24/2003
BA882 L-COM-BA882 Datasheet
131Kb / 1P
ADAPTOR MINI-UHF F/BNC M
05/01/2003
logo
Siemens Semiconductor G...
BA885 SIEMENS-BA885 Datasheet
37Kb / 2P
Silicon PIN Diode
logo
Infineon Technologies A...
BA885 INFINEON-BA885 Datasheet
471Kb / 5P
Silicon PIN Diode
Apr-06-2004
logo
Guangdong Kexin Industr...
BA885 KEXIN-BA885 Datasheet
36Kb / 1P
Silicon PIN Diode
More results

Similar Description - BA883

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9341 PASTERNACK-PE9341 Datasheet
104Kb / 1P
MINI UHF FEMALE TO BNC MALE
PE9342 PASTERNACK-PE9342 Datasheet
233Kb / 2P
Mini UHF Male to BNC Female Adapter
PE9709 PASTERNACK-PE9709 Datasheet
74Kb / 1P
FME JACK TO MINI UHF MALE
PE9710 PASTERNACK-PE9710 Datasheet
245Kb / 2P
Mini UHF Female to FME Jack Adapter
logo
Amphenol Corporation
242154 AMPHENOL-242154 Datasheet
54Kb / 1P
BNC PLUG TO F JACK ADAPTER
242159 AMPHENOL-242159 Datasheet
33Kb / 1P
BNC JACK TO F PLUG ADAPTER
logo
Rosenberger Hochfrequen...
51S154-K00N5 ROSENBERGER-51S154-K00N5 Datasheet
45Kb / 2P
ADAPTOR BNC PLUG ??UHF JACK
logo
Bel Fuse Inc.
VA229 BEL-VA229 Datasheet
861Kb / 1P
BNC Plug to Euro Jack
VA234 BEL-VA234 Datasheet
788Kb / 1P
Euro Plug to BNC Jack Adaptor
logo
Huber+Suhner, Inc.
33_UHF-BNC-0-1032 HUBERSUHNER-33_UHF-BNC-0-1032 Datasheet
4Mb / 2P
COAXIAL ADAPTER, UHF - BNC, X Ohm, plug / jack (male / female)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com