Electronic Components Datasheet Search
  English  ▼

X  

BA9201 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA9201
Description  BNC JACK TO 1.6/5.6 PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA9201 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA9201 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.18 30
M9 X 0.5
INTERNAL THREAD
BNC JACK
1.6/5.6 PLUG
NOTES:
MATERIAL:
BODY: BRASS
CONTACT: BRASS
INSULATOR: ACETAL
FINISH:
BODY: NICKEL PLATE
CONTACT: GOLD PLATE
MISCELLANEOUS:
ADAPTERS SHALL BE INDIVIDUALLY PACKAGED IN POLY BAG
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA9201
C
BA9201.SLDDRW
1
1
C.MCCORMICK
12/12/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.PARHAM
R.CARRICK
12/12/2001
12/12/2001
12/13/01
A
B
RELEASED FOR PRODUCTION
ECN#2605; REVISED NOTES
11/03/06
MCCORMICK
MCCORMICK
C
ECN 3134: UPDATE DWG FORMAT
12/31/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .05 [1.3]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
BNC JACK TO 1.6/5.6 PLUG
COAXIAL ADAPTER
PROJ


Similar Part No. - BA9201

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
Digital-to-analog converter, 12 bit
BA9221F ROHM-BA9221F Datasheet
279Kb / 7P
Digital-to-analog converter, 12 bit
More results

Similar Description - BA9201

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE36109 PASTERNACK-PE36109 Datasheet
115Kb / 1P
CABLE ASSEMBLY, RG59B/U-BLACK,1.6/5.6 PLUG TO 1.6/5.6 PLUG
PE36111 PASTERNACK-PE36111 Datasheet
113Kb / 1P
CABLE ASSEMBLY, RG179B/U,1.6/5.6 PLUG TO 1.6/5.6 PLUG
PE36113 PASTERNACK-PE36113 Datasheet
270Kb / 1P
CABLE ASSEMBLY,RG187A/U, 1.6/5.6 PLUG TO 1.6/5.6 PLUG
logo
Rosenberger Hochfrequen...
88K171-K00L5 ROSENBERGER-88K171-K00L5 Datasheet
40Kb / 2P
Adaptor 1.6/5.6 III JACK ??BNC 75 ??JACK
78S301-K00L5 ROSENBERGER-78S301-K00L5 Datasheet
42Kb / 2P
Adaptor 1.6/5.6 PLUG ??JACK - PLUG
78K02-K00L5 ROSENBERGER-78K02-K00L5 Datasheet
38Kb / 2P
Adaptor 1.6/5.6 JACK - JACK
71S188-K00L5 ROSENBERGER-71S188-K00L5 Datasheet
43Kb / 2P
Adaptor BNC 75 plug ??1.6/5.6 jack
88S171-K00L5 ROSENBERGER-88S171-K00L5 Datasheet
40Kb / 2P
ADAPTOR, SCREW ON 1.6/5.6 III PLUG ??BNC 75 JACK
78K102-K00L5 ROSENBERGER-78K102-K00L5 Datasheet
38Kb / 2P
ADAPTOR 1.6/5.6 JACK - JACK
logo
Pasternack Enterprises,...
PE36111LF PASTERNACK-PE36111LF Datasheet
280Kb / 1P
CABLE ASSEMBLY, RG179B/U, 1.6/5.6 PLUG TO 1.6/5.6 PLUG (LEAD FREE)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com