Electronic Components Datasheet Search
  English  ▼

X  

BAK300 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAK300
Description  KIT ADAPTER 108 VARIOUS TYPES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAK300 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAK300 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
ADAPTER KIT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
.XX = .02 [.51]
UNLESS OTHERWISE SPECIFIED,
>300[7620] = +5% / -0%
.XXX = .005 [.13]
.X = .2 [5.08]
IS PROHIBITED.
REVISIONS
REV
DATE
A
DRAWING REPLACES BAK300-OD1
7/3/14
D.FRISIELLO
DESCRIPTION
APPROVAL
43321
FSCM NO.
ALL OTHER DIMENSIONAL TOLERANCES:
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR
MAY VARY
KIT ADAPTER 108 VARIOUS TYPES
PRODUCT DESCRIPTION
CATEGORY
7/3/14
7/3/14
D.FRISIELLO
7/21/04
1
BAK300.SLDDRW
A
BAK300
APPROVED BY
CHECKED BY
DRAWN BY
APPROVALS
DATE
REV.
OF
SHEET
A
DWG. NO.
CAD FILE:
SIZE
WHOLE WITHOUT THE WRITTEN PERMISSION OF L-COM, INC.
1:1
CONFIGURATION DETAILS OF
01845
1
PROJECTION
COAXIAL
MCCMORMICK
UNDIMENSIONED FEATURES
SCALE:
>120[3048] - 300[7620] = +6 [152] / -0
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
D.FRISIELLO
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / - 0
>12 [305] - 60 [1524] = +2 [51] / -0
>60 [1524] - 120 [3048] = +4 [102] / -0
COLOR VARIATIONS
MAY OCCUR


Similar Part No. - BAK300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
KIT ADAPTOR 192 VARIOUS TYPES
More results

Similar Description - BAK300

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
Various types of cables for frame grabber
logo
Pomona Electronics
5698 POMONA-5698 Datasheet
814Kb / 3P
Universal Adapter Kit
72931 POMONA-72931 Datasheet
421Kb / 2P
SMA Adapter Kit
logo
Molex Electronics Ltd.
0011200947 MOLEX11-0011200947 Datasheet
16Kb / 1P
IDT - Manual - Adapter Kit
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
KIT ADAPTOR 192 VARIOUS TYPES
logo
Molex Electronics Ltd.
11-21-9933 MOLEX11-11-21-9933 Datasheet
23Kb / 1P
IDT - Manual - Adapter Kit
11-31-7559 MOLEX11-11-31-7559 Datasheet
28Kb / 1P
IDT - Manual - Adapter Kit
0622023300 MOLEX11-0622023300 Datasheet
28Kb / 1P
Receptacle Right Angle, 108 Circuits, Upper Housing Extractor Kit
logo
ALPS ELECTRIC CO.,LTD.
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
9.5mm width potentiometer ideal for various types of control
logo
Molex Electronics Ltd.
0622023300 MOLEX-0622023300 Datasheet
28Kb / 1P
Receptacle Right-Angle, 108 Circuits, Upper Housing Extractor Kit
07/30/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com