Electronic Components Datasheet Search
  English  ▼

X  

CIB24BF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CIB24BF
Description  IEEE-488 BULKHEAD ADAPTOR, FEMALE-FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CIB24BF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CIB24BF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.38
35.05
.93
23.62
2.50
63.50
3.25
82.55
IEEE-488
FEMALE CONNECTOR
4X ISO M3.5 X .6
(SEE DETAIL A)
.04
1.02
1.09
27.69
4X .16
THRU
3.96
2.88
73.03
.98
24.99
IEEE-488
FEMALE CONNECTOR
.940
23.88
2.530
64.26
.144 3.66
2.875
73.03
.984
24.99
R.062 1.57
MAX.
RECOMMENDED
PANEL OPENING
.256±.01
6.50±0.25
DETAIL A: INTERNAL THREAD DEPTH
NOTES:-
MATERIAL: HOUSING; ZINC ALLOY. INSULATOR; GLASS FILLED PBT
1.
(BLUE) U.L. 94V-0 FLAMMABILITY RATING. CONTACTS: COPPER
ALLOY; SCREWLOCK: STEEL.
MOUNTING FLANGE: ZINC ALLOY, NICKEL PLATED.
2.
FINISH: HOUSING; NICKEL PLATED. CONTACTS; 3 MICRO INCHES
3.
SELECTIVE GOLD PLATE. SCREWLOCK: BLACK OXIDE.
WIRING: STRAIGHT THRU.
4.
TWO DUST CAPS PROVIDED WITH ADAPTOR. (NOT SHOWN)
5.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
6.
WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
F
UPDATED AS PER ECO-12578
09/15/2023
PSRINIVAS
DGUST
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CIB24BF
F
1
1
08/27/2001
08/27/2001
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
IEEE-488 BULKHEAD ADAPTOR,
FEMALE-FEMALE
IEEE-488 ADAPTOR
UNLESS OTHERWISE SPECIFIED,
COLOR VARIATIONS
MAY OCCUR
08/17/2001
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D1
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: CIB24BF.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - CIB24BF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CIB24BF-I L-COM-CIB24BF-I Datasheet
134Kb / 1P
IEEE-488 GPIB
CIB24BFR L-COM-CIB24BFR Datasheet
123Kb / 1P
REVERSING ADAPTOR, GPIB BULKHEAD, F/F
05/24/2001
CIB24BFR-I L-COM-CIB24BFR-I Datasheet
119Kb / 1P
ADAPTOR, GPIB BULKHEAD, INSL R
08/17/2001
More results

Similar Description - CIB24BF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75160A NSC-DS75160A Datasheet
209Kb / 10P
IEEE-488 GPIB Transceivers
DS75162A NSC-DS75162A Datasheet
185Kb / 10P
IEEE-488 GPIB Transceivers
logo
List of Unclassifed Man...
AM3448A ETC1-AM3448A Datasheet
295Kb / 5P
IEEE-488 QUAD BIDIRECTIONAL TRANSCEIVER
logo
Amphenol Corporation
SMA7071A2-3GT50G-50 AMPHENOL-SMA7071A2-3GT50G-50 Datasheet
140Kb / 1P
SMA FEMALE TO FEMALE ADAPTOR
B7071A1-ND3G-75 AMPHENOL-B7071A1-ND3G-75 Datasheet
53Kb / 1P
BNC FEMALE TO FEMALE ADAPTOR
logo
List of Unclassifed Man...
R222723110 ETC2-R222723110 Datasheet
45Kb / 2P
FEMALE FEMALE ADAPTOR SPRING LOADED
R191381000 ETC2-R191381000 Datasheet
32Kb / 2P
BULKHEAD ADAPTOR N FEMALE - SMA FEMALE SQUARE FLANGE
ADP-SMAF-SMAF ETC2-ADP-SMAF-SMAF Datasheet
118Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
ADP-SMAM-SMAM ETC2-ADP-SMAM-SMAM Datasheet
127Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
logo
Linx Technologies
ADP-SMAF-SMAF LINX-ADP-SMAF-SMAF Datasheet
203Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com