Electronic Components Datasheet Search
  English  ▼

X  

CIB24XFR Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CIB24XFR
Description  IEEE-488 REVERSING EXTENDER, M/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CIB24XFR Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CIB24XFR Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8/27/2001
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CIB24XFR
C
CIB24XFR.SLDDRW
11
DOUG PARHAM
8/27/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
C. MCCORMICK
8/27/2001
8/27/01
A
B
RELEASED TO PRODUCTION
ADDED COMPONENT SPECIFICATION TABLE
12/31/03
R. CARRICK
T CLARK
C
ECN 4547: REVISED DRAWING AND NEW FORMAT
2/9/10
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
.
.
..
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
IEEE-488 REVERSING EXTENDER, M/F
IEEE-488
PROJECTION
UNLESS OTHERWISE SPECIFIED,
RON CARRICK
UNDIMENSIONED FEATURES
MAY OCCUR
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.02
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
FEMALE
GPIB CONNECTOR
2X, 24 CONTACT
4X ISO M3.5 X 0.6
TAPPED HOLE
2X 1.62
41.1
.91
23.1
2.50
63.5
1.08
27.4
1.64
41.7
RoHS Compliant
NOTES:
MATERIAL:
HOUSING: DIE-CAST ALUMINUM ALLOY.
CONNECTOR INSULATORS: GLASS-FILLED PBT, BLUE, UL94V-0 RATED.
CONNECTOR CONTACTS: 24X, COPPER ALLOY, RIBBON, .085" PITCH.
THUMBSCREWS: STEEL.
FINISH:
HOUSING: NICKEL PLATED.
CONNECTOR CONTACTS: 30μ INCHES GOLD PLATED OVER NICKEL.
THUMBSCREWS: BLACK OXIDE.
ELECTRICAL:
VOLTAGE RATING: 200 VOLTS.
CURRENT RATING: 1 AMP PER CONTACT AT 25 C.
INSULATION RESISTANCE: 1 GIGAOHMS
MISCELLANEOUS:
OPERATING TEMPERATURE RANGE: -40 C TO +85 C.
WIRED STRAIGHT THROUGH, PIN TO LIKE-NUMBERED PIN AND
MEETS ANSI/IEEE STD 488.1-1987.
TWO DUST CAPS PROVIDED FOR CONNECTORS (NOT SHOWN).
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.


Similar Part No. - CIB24XFR

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CIB24X L-COM-CIB24X Datasheet
78Kb / 1P
IEEE-488 EXTENSION ADAPTOR, M/F
8/27/2001
CIB24XC L-COM-CIB24XC Datasheet
76Kb / 1P
GPIB SLIMLINE REVERSE ENTRY EXTENDER
8/27/2001
CIB24XCR L-COM-CIB24XCR Datasheet
74Kb / 1P
GPIB SLIMLINE REVERSE ENTRY EXTENDER
10/31/01
CIB24XE L-COM-CIB24XE Datasheet
55Kb / 1P
IEEE-488 ULTRA SLIMLINE EXTENDER
10/30/01
CIB24XM L-COM-CIB24XM Datasheet
63Kb / 1P
GPIB MODIFIED SLIMLINE EXTENDER
8/27/2001
More results

Similar Description - CIB24XFR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75160A NSC-DS75160A Datasheet
209Kb / 10P
IEEE-488 GPIB Transceivers
logo
List of Unclassifed Man...
DAC488HR ETC-DAC488HR Datasheet
190Kb / 4P
16-bit D/A Converter with Digital I/O & IEEE 488
logo
National Semiconductor ...
DS75162A NSC-DS75162A Datasheet
185Kb / 10P
IEEE-488 GPIB Transceivers
logo
List of Unclassifed Man...
AM3448A ETC1-AM3448A Datasheet
295Kb / 5P
IEEE-488 QUAD BIDIRECTIONAL TRANSCEIVER
logo
Pomona Electronics
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Qualtek Electronics Cor...
1821001-03 QUALTEK-1821001-03 Datasheet
428Kb / 1P
IEEE 1394 6P/M - IEEE 6P/M
1821007-06 QUALTEK-1821007-06 Datasheet
428Kb / 1P
IEEE 1394 6P/M - IEEE 6P/M
1821013-10 QUALTEK-1821013-10 Datasheet
427Kb / 1P
IEEE 1394 6P/M - IEEE 6P/M
1821019-15 QUALTEK-1821019-15 Datasheet
428Kb / 1P
IEEE 1394 6P/M - IEEE 6P/M
logo
List of Unclassifed Man...
LPCI-3488A ETC2-LPCI-3488A Datasheet
390Kb / 2P
High-Performance IEEE-488 GPIB Interface for USB/PCI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com