Electronic Components Datasheet Search
  English  ▼

X  

CIB24XM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CIB24XM
Description  GPIB MODIFIED SLIMLINE EXTENDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CIB24XM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CIB24XM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.47
62.7
.73
18.4
2X ISO M3.5 X 0.6 TAPPED HOLE
1
13
24
12
FEMALE
1.34
34
.81
20.4
.110
2.79
2X ISO M3.5 X 0.6 THREAD
MALE
NOTES:
1. CONNECTOR: 24-POSITION MALE-FEMALE FLAT RIBBON (.085" PITCH). GUARD OF
MALE CONNECTOR IS SHORTENED TO PERMIT PROPER MATING WHEN
PANEL INTERFERES WITH CONNECTION TO REAR-MOUNTED RECEPTACLE.
2. MATERIAL: HOUSING: CAST ALUMINUM. INSULATOR: GLASS FILLED PBT (BLUE)
3. FINISH: HOUSING, NICKEL PLATED: CONTACTS, 30 MICRO INCHES GOLD PLATE.
4. WIRING: STRAIGHT THROUGH.
5. TWO DUST CAPS PROVIDED WITH ADAPTOR.
6. ADAPTOR SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CIB24XM
A
CIB24XM.SLDDRW
1
1
DOUG PARHAM
8/27/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
C. MCCORMICK
8/27/2001
7/14/14
A
REPLACES CIB24XM-OD1
D. CASTRO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
.
.
.
.
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
GPIB MODIFIED SLIMLINE EXTENDER
IEEE-488
PROJECTION
UNLESS OTHERWISE SPECIFIED,
RON CARRICK
COLOR VARIATIONS
MAY OCCUR
8/27/2001
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - CIB24XM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CIB24X L-COM-CIB24X Datasheet
78Kb / 1P
IEEE-488 EXTENSION ADAPTOR, M/F
8/27/2001
CIB24XC L-COM-CIB24XC Datasheet
76Kb / 1P
GPIB SLIMLINE REVERSE ENTRY EXTENDER
8/27/2001
CIB24XCR L-COM-CIB24XCR Datasheet
74Kb / 1P
GPIB SLIMLINE REVERSE ENTRY EXTENDER
10/31/01
CIB24XE L-COM-CIB24XE Datasheet
55Kb / 1P
IEEE-488 ULTRA SLIMLINE EXTENDER
10/30/01
CIB24XFR L-COM-CIB24XFR Datasheet
84Kb / 1P
IEEE-488 REVERSING EXTENDER, M/F
8/27/2001
More results

Similar Description - CIB24XM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75160A NSC-DS75160A Datasheet
209Kb / 10P
IEEE-488 GPIB Transceivers
logo
Texas Instruments
SMJ9914A TI-SMJ9914A Datasheet
766Kb / 18P
GPIB CONTROLLER
logo
Intel Corporation
8291A INTEL-8291A Datasheet
2Mb / 32P
GPIB TALKER/LISTENER
logo
National Semiconductor ...
DS75162A NSC-DS75162A Datasheet
185Kb / 10P
IEEE-488 GPIB Transceivers
logo
Motorola, Inc
MC3447 MOTOROLA-MC3447 Datasheet
291Kb / 6P
BIDIRECTIONAL INSTRUMENTATION BUS(GPIB) TRANSCEIVER
logo
Advantech Co., Ltd.
USB-4671 ADVANTECH-USB-4671 Datasheet
153Kb / 1P
GPIB USB Module
logo
National Instruments Co...
GPIB_463_464 NI-GPIB_463_464 Datasheet
195Kb / 4P
GPIB Cables and Accessories
logo
Advantech Co., Ltd.
USB-4671 ADVANTECH-USB-4671_15 Datasheet
137Kb / 1P
GPIB USB Module
logo
Keysight Technologies
66000A KEYSIGHT-66000A Datasheet
203Kb / 8P
Modular Power System,GPIB
66101A-J05 KEYSIGHT-66101A-J05 Datasheet
203Kb / 8P
Modular Power System,GPIB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com