Electronic Components Datasheet Search
  English  ▼

X  

DD55F Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DD55F
Description  ADAPTOR, BULKHEAD DIN-5 F/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DD55F Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DD55F Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.760 19.3
.728 18.5
ADAPTOR, BULKHEAD DIN-5 F/F
FSCM NO.
MCCORMICK
COLOR VARIATIONS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
DD55F
CATEGORY
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
MAY VARY
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
MAY OCCUR
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
PRODUCT DESCRIPTION
4
5
6
7
8
A
DD55F.SLDDRW
11
ENG
09/05/01
NORTH ANDOVER, MA
REVISIONS
DESCRIPTION
APPROVED
REV
09/05/01
DATE
R.CARRICK
09/06/01
7/11/14
A
D.FRISIELLO
DRAWING REPLACES DD55F-OD1
43321
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
NONE
I/O PRODUCTS
PROJECTION
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
PIN 1
PIN 2
PIN 5
PIN 3
PIN 4
LOCKWASHER
INTERNAL TOOTH
2X HEX NUT
FLAT AREA
2X FEMALE DIN 5
CONNECTOR
1.62 41.1
NOTES:
1. ADAPTER IS WIRED STRAIGHT THROUGH.
2. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
RECOMMENDED
MOUNTING HOLE


Similar Part No. - DD55F

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DD55F SANREX-DD55F Datasheet
100Kb / 2P
DIODE MODULE
DD55F120 SANREX-DD55F120 Datasheet
100Kb / 2P
DIODE MODULE
DD55F160 SANREX-DD55F160 Datasheet
100Kb / 2P
DIODE MODULE
DD55F40 SANREX-DD55F40 Datasheet
100Kb / 2P
DIODE MODULE
DD55F80 SANREX-DD55F80 Datasheet
100Kb / 2P
DIODE MODULE
More results

Similar Description - DD55F

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
logo
Winchester Electronics ...
SD1069-1 WINCHESTER-SD1069-1 Datasheet
50Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
SD1209-19 WINCHESTER-SD1209-19 Datasheet
57Kb / 1P
N BULKHEAD ADAPTER PRESSUIRIZED (F-F)
SDKA-99-56 WINCHESTER-SDKA-99-56 Datasheet
49Kb / 1P
TNC F-F BULKHEAD ADAPTER HERM.
SDKN-99-34 WINCHESTER-SDKN-99-34 Datasheet
92Kb / 1P
N BULKHEAD ADAPTER F-F
SDKN-99-58 WINCHESTER-SDKN-99-58 Datasheet
92Kb / 1P
N (F-F) BULKHEAD ADAPTER HERMSEAL
SDKN-99-67 WINCHESTER-SDKN-99-67 Datasheet
51Kb / 1P
ADAPTER, F-F, BULKHEAD, ANGLE, N
1079-7 WINCHESTER-1079-7 Datasheet
99Kb / 1P
K-LOC BULKHEAD ADAPTER (F-F)
KC-99-112MB8 WINCHESTER-KC-99-112MB8 Datasheet
66Kb / 1P
ADAPTER, F-F, BULKHEAD ISOLATED GROUP
KN-99-34 WINCHESTER-KN-99-34 Datasheet
36Kb / 1P
N BULKHEAD ADAPTER F-F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com