Electronic Components Datasheet Search
  English  ▼

X  

SC6052 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # SC6052
Description  RA SMA Male Connector Crimp/Solder Attachment For .100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100-FR Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC6052 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  SC6052 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC6052 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC6052 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
Assembly Instruction
STRIP CABLE TO THE DIMENSIONS SHOWN, DO NOT NICK
1.
CENTER CONDUCTOR OR BRAID. SLIDE FERRULE OVER CABLE.
INSTALL CABLE INTO BODY OF CONNECTOR AND SOFT SOLDER
2.
CENTER CONDUCTOR IN PLACE.
CRIMP FERRULE AND PRESS CAP DOWN.
3.
ASSEMBLY PROCEDURES
CRIMP SIZE REQUIRED
FERRULE: .138 [3.50] HEX CRIMP TOOL.
•
.197
5.00
.413
10.50
.039
1.00
RA SMA Male Connector Crimp/Solder Attachment For .100 inch, RG316, RG174, RG188, LMR-100, LMR-100A, LMR-100-FR
Cable from Fairview Microwave is in-stock and available to ship same-day. All of our RF/microwave products are available
off-the-shelf from our ISO 9001:2008 certified facilities in Allen, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: RA SMA Male Connector Crimp/Solder Attachment
For .100 inch, RG316, RG174, RG188, LMR-100, LMR-100A, LMR-100-FR Cable SC6052
URL: https://www.fairviewmicrowave.com/sma-male-.100-rg316-rg174-rg188-lmr-100-lmr-100a-lmr-100-fr-connector-
sc6052-p.aspx
SC6052
DATA SHEET
REV 2.1 Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com