Electronic Components Datasheet Search
  English  ▼

X  

RN5VD10A/C Datasheet(PDF) 14 Page - Nisshinbo Micro Devices Inc.

Part # RN5VD10A/C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RN5VD10A/C Datasheet(HTML) 14 Page - Nisshinbo Micro Devices Inc.

Back Button RN5VD10A/C Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
RN5VD
14
A
B
1
2
3
4
5
Detector Threshold Hysteresis
Released Voltage +VDET
Detected Voltage –VDET
Minimum Operaing Voltage
Delay Time
GND
GND
Supply Voltage
(VDD)
Output Voltage
(OUT)
OPERATION
Fig. 2 Operation Diagram
Fig. 1 Block Diagram
Step 1. Output voltage is equal to pull-up voltage.
Step 2. When input voltage (VDD) reaches the state of Vref
≥VDD · (Rb+Rc) /(Ra+Rb+Rc) at point A (Detected Voltage –VDET) , the output of comparator is
reversed, so that output voltage becomes GND. Discharging is performed from CD pin connected to an external capacitor. No delay time is generated.
Step 3.
Output voltage becomes indefinite when power source voltage(VDD) is smaller than minimum operating voltage. When the output is pulled up, VDD is
output.
Step 4. Output voltage becomes equal to GND.
Step 5. When input voltage (VDD) reaches the state of Vref
≤VDD · Rb/(Ra+Rb) at Point B (Released Voltage +VDET) , the output of comparator is reversed,
and the external capacitor is charged through CD pin, so that output voltage becomes equal to pulled-up voltage after a delay time
tD (=0.69
×106×CD) .
Step
Step 1
Step 2
Step 3
Step 4
Step 5
Comparator (–) Pin
Input Voltage
I
II
II
II
I
Comparator Output
LH
Indefinite
HL
Tr. 1, 2
OFF
ON
Indefinite
ON
OFF
Output Tr.
Nch
OFF
ON
Indefinite
ON
OFF
Pch
ON
OFF
Indefinite
OFF
ON
I.
Rb + Rc
Ra + Rb + Rc
· VDD
II.
Rb
Ra + Rb
· VDD
GND
OUT
CD
VDD
Ra
Current Source
Output Capacitor
RD
Rb
Rc
Tr.1
Tr.2
–
+
Comparator
Schmitt Trigger
Nch
Pch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com