Electronic Components Datasheet Search
  English  ▼

X  

C110 Datasheet(PDF) 1 Page - YORKVILLE

Part # C110
Description  5-inch Mini Series Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

C110 Datasheet(HTML) 1 Page - YORKVILLE

  C110 Datasheet HTML 1Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
·
40 Watt Mini Series Speaker
·
90° x 90° HF Driver
·
5-inch Woofer with Tweeter
·
Cabinet Is Available In Either a White (C110W) or
Black (C110) Finish
·
85 to 19,000 Hz Frequency Response
·
70-volt ‘Matching Transformer’
·
Binding Post and 1/4" Phone Connectors
·
Injection Molded, ABS Plastic Cabinet Construction
·
Two-year Unconditional Warranty*
*Warrany valid in Canada and the United States only
The Coliseum C110 is a high quality, weather resistant speaker which features specially treated drivers in a rugged
plastic enclosure. It is well-suited for many applications including commercial installations, home theaters, home
stereos, reference monitors and personal stage monitors. The C110 is a bass reflex enclosure with a tuned port
and a 5-inch woofer whose computer-optimized design gives improved bass performance over conventional 5-inch
woofer enclosures. With a power rating of 40 watts of continuous music power the C110 is accurate from 85Hz to
19kHz with an efficiency of 92dB.
The C110 features an internal 70-volt ‘matching transformer’ which allows multiple C110s to be connected
together without danger of overloading the power amplifier due to impedance drop. The user has a choice of three
sensitivity settings (10w, 20w, 30w or off) selected via a rotar y switch located on the rear panel of the
speaker, allowing convenient adjustment of the relative volumes of multiple interconnected cabinets.
A wide variety of mounting options are available using the four integral screw-slots or the provided metal L-bracket
which allows it to be angled up, down or sideways depending on the mounting orientation. The C110 is available in
a low-reflectance black or white finish with a matching, perforated metal grille and can be painted to match its
surroundings.
Coliseum C110
Coliseum C110
Features:
Overview:
y orkville.com
5-inch Mini Series Speaker
5-inch Mini Series Speaker
C110 Specifications:
C110
2-Way, Tuned Port
Bass Reflex
40
70V Transformer / Passive 8
Ω
92
85 - 19k
5"
Mylar
Screw Terminals
Injection Molded ABS Plastic
Black
White (C110W)
Rear Key Hole Mounts (4) /
L-Bracket
-
10W / 20W / 30W / 8R
5.5 x 6.26 x 8.9
14 x 15.9 x 22.6
3.8 / 1.7
Model
TYPE
SYSTEM
PROGRAM POWER (watts)
IMPEDANCE (ohms)
SENSITIVITY (dB @ 1W/1m)
FREQ. RESP. (+/-3dB)
WOOFER
TWEETER
INPUTS
CABINET CONSTRUCTION
STANDARD COLOR
OPTIONAL COLOR
STANDARD HARDWARE
OPTIONAL HARDWARE
70V TRANSFORMER TAPS
DIMENSIONS (DxWxH inches)
DIMENSIONS (DxWxH cm)
WEIGHT (lbs / kg)


Similar Part No. - C110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C11000 ETC2-C11000 Datasheet
166Kb / 1P
Use recommendations for machines
logo
Hubbell Incorporated.
C1100136 HUBBELL-C1100136 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 3.5ft
C1100137 HUBBELL-C1100137 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 5ft
C1100138 HUBBELL-C1100138 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 7ft
C1100140 HUBBELL-C1100140 Datasheet
362Kb / 1P
Anchor, Extension, SS175, X 10ft
More results

Similar Description - C110

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
HOKURIKU ELECTRIC INDUS...
E1713AA HOKURIKU-E1713AA Datasheet
52Kb / 1P
Multilayer Type Mini Speaker
logo
DATEL, Inc.
AS22S5-4 DATEL-AS22S5-4 Datasheet
147Kb / 1P
(2 inch X 1.6 inch), AS series, 5 Volts Output
AS22S5-6 DATEL-AS22S5-6 Datasheet
146Kb / 1P
(2 inch X 1.6 inch), AS series, 5 Volts Output
AS45S5-4 DATEL-AS45S5-4 Datasheet
147Kb / 1P
(2 inch X 1.6 inch), AS series, 5 Volts Output
AS45S5-6 DATEL-AS45S5-6 Datasheet
147Kb / 1P
(2 inch X 1.6 inch), AS series, 5 Volts Output
AT22S5-3 DATEL-AT22S5-3 Datasheet
136Kb / 1P
(2 inch X 1 inch), AT series, 5 Volts Output
AT22S5-6 DATEL-AT22S5-6 Datasheet
136Kb / 1P
(2 inch X 1 inch), AT series, 5 Volts Output
AT45S5-3 DATEL-AT45S5-3 Datasheet
136Kb / 1P
(2 inch X 1 inch), AT series, 5 Volts Output
AT45S5-6 DATEL-AT45S5-6 Datasheet
136Kb / 1P
(2 inch X 1 inch), AT series, 5 Volts Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com