Electronic Components Datasheet Search
  English  ▼

X  

CA1 Datasheet(PDF) 1 Page - YORKVILLE

Part # CA1
Description  70V INSTALLATION AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

CA1 Datasheet(HTML) 1 Page - YORKVILLE

  CA1 Datasheet HTML 1Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Amplifier class
70-volt
Power Output
180 Watts @ 4 Ohms
180 Watts @ 70-volts
THD - 1kHz (dB)
Less than 1%
Mixer - Signal to Noise Ratio (dB)
Greater than 55dB
Mixer Frequency Response (Hz, +/- 2dB) 50 - 15kHz
Cooling
Passive
Channels
6
Inputs
3 x 1/4” / XLR Combi-jack
2 x RCA Unbalanced
Outputs
Screw Terminals
Record Outputs
Yes
Tone controls
Bass & Treble
Controls
INPUT 1-4,
AUX1-2 and tel. paging
1 master volume control
5 zone paging select switch
Phantom Power
Yes
Headphone Monitor
Yes - main Output
Rack Spaces
Two
Dimensions (DWH /D fm ears, inches)
13 x 19 x 6
Dimensions (DWH /D fm ears, cm)
32 x 48 x 15
Weight (lbs / kg)
24 / 9
Box Dimensions (LxWxH, inches)
22 x 16.5 x 9
Box Dimensions (LxWxH, cm)
56 x 42 x 23
Specifications subject to change without notice
Features
l
4-ohm speaker load, or four separate 70-volt
speaker systems (one ‘system’ per zone)
l
Delivers 180 watts (mono) @ 4 Ohms
l
6 Channels
l
Phantom power included
l
Zone Paging / Telephone interface built in
l
1/4-inch / XLR / RCA inputs
l
Headphone monitor
Overview
The Coliseum CA1 public address amplifier has been designed specifi-
cally for installations where a versatile paging system with high quality
music playback is required.
Ideal for restaurants, small clubs, offices and retail environments where
a simple and reliable system capable of servicing multiple paging zones
is required. Multiple inputs for microphone or source material, and voice
activated paging from either a microphone or telephone matrix means
the CA1 can be used in virtually any application.
CA1
70V INSTALLATION AMPLIFIER
yorkville.com
CA1


Similar Part No. - CA1

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CA1 NAIS-CA1 Datasheet
134Kb / 5P
AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
logo
Tyco Electronics
CA1 MACOM-CA1 Datasheet
360Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
Panasonic Semiconductor
CA1-12V-C PANASONIC-CA1-12V-C Datasheet
112Kb / 6P
AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-12V-N PANASONIC-CA1-12V-N Datasheet
112Kb / 6P
AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-24V-C PANASONIC-CA1-24V-C Datasheet
112Kb / 6P
AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
More results

Similar Description - CA1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Sep-1997
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
logo
Zetex Semiconductors
ZXT4M322 ZETEX-ZXT4M322 Datasheet
112Kb / 6P
70V PNP LOW SATURATION TRANSISTOR
logo
STMicroelectronics
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
logo
Micrel Semiconductor
MIC28304 MICREL-MIC28304 Datasheet
2Mb / 39P
70V 3A Power Module
logo
Diodes Incorporated
ZXT4M322 DIODES-ZXT4M322 Datasheet
331Kb / 6P
70V PNP LOW SATURATION TRANSISTOR
JUNE 2003
logo
International Rectifier
M3G70T IRF-M3G70T_15 Datasheet
177Kb / 12P
70V Input, Triple Output
logo
Maxim Integrated Produc...
MAX49921 MAXIM-MAX49921 Datasheet
432Kb / 14P
0 to 70V, High-Precision Current-Sense Amplifier
2021
logo
AiT Semiconductor Inc.
BAS70 AITSEMI-BAS70 Datasheet
265Kb / 5P
SCHOTTKY DIODES 70mA, 70V
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com