Electronic Components Datasheet Search
  English  ▼

X  

E10 Datasheet(PDF) 1 Page - YORKVILLE

Part # E10
Description  élite
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

E10 Datasheet(HTML) 1 Page - YORKVILLE

  E10 Datasheet HTML 1Page - YORKVILLE E10 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
élite
Passive Series
E10
Overview
The two-way E10 loudspeaker is one of the first in a new series of élite
cabinets designed and built for maximum versatility in multiple
applications. One of the best sounding ultra-compact cabinets in the
market, the E10 is a new concept in loudspeaker cabinet design.
Ideal for any small PA rental house, installer or sound company, these
loudspeakers may replace a number of specific application cabinets in
any inventory.
The E10 is loaded with 100° x 25° ABS Waveguide horn assembly. A
modified trapezoidal shape and recessed input jack panel and handle
means the E10 cabinet can function perfectly as a wedge monitor or
front-of-house loudspeaker. Unlike some 'multi-function' loudspeakers
currently in the marketplace, great care has been taken in the design
process to ensure that élite cabinets will perform without compromising
functionality as either a monitor or a front-of-house enclosure. Neither
application was considered as an afterthought.
Integrated stand mount adapters and flyware means the E10 can be
utilized in any permanent install or touring application. In addition, the
modified cabinet shape means the élite E10 can be installed much
closer to vertical surfaces and in some cases, under balconies in tight
locations, and can be arrayed in a much tighter less obtrusive cluster.
When used with the EP10 processor, the E10 can be easily used with
any élite series subwoofer.
E12 - Black Ozite (Carpet) Finish
E12B - Black Ultrathane (Painted) Finish
Features
• 650 Watt Full Range Loudspeaker (325 Watts Program)
• 10-inch Woofer / 1-inch Compression Driver
• Max SPL 128dB Peak (125dB Continuous)
• Designed for Front-of-House or Monitor Applications
• 100° x 25° ABS Waveguide Horn
• Innovative CTL™ High Frequency Driver Protection
• 2 x Speakon™ and 2 x 1/4-inch Parallel Inputs
• Integrated All Metal Speaker Standmount Adaptor
• Solid 5/8-inch (15mm) Birch Plywood Construction
• Made in Canada
yorkville.com


Similar Part No. - E10

ManufacturerPart #DatasheetDescription
logo
Powerbox
E10 POWERBOX-E10 Datasheet
306Kb / 1P
1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
E10 XPPOWER-E10 Datasheet
581Kb / 7P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
PANDUIT CORP.
E10-10FB-Q PANDUIT-E10-10FB-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
E10-10LFB-Q PANDUIT-E10-10LFB-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
E10-10RB-Q PANDUIT-E10-10RB-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com