Electronic Components Datasheet Search
  English  ▼

X  

DG909MF1 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DG909MF1
Description  ADPT,DB9M/F RA ORIENTATION 1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DG909MF1 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DG909MF1 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2X .984
25
PIN 1
"P1"
DB9 MALE
CONNECTOR
2X #4-40
HEX STANDOFF
1.0
25.4
1.00
25.4
2X .20
5.1
.150±.014
3.80±0.36
BACK HEX NUTS
2X #4-40 UNC-2A
PIN 1
"J1"
DB9 FEMALE
CONNECTOR
1.31
33.4
HOUSING,
ABS GRAY
(PANTONE 424C)
STANDARD HARDWARE CONFIGURATION
ALTERNATE HARDWARE CONFIGURATION
NOTES:
1. ADAPTER SHALL BE TESTED FOR CONTINUITY.
2. ADAPTER SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
3. PRODUCT SHIPPED IN STANDARD HARDWARE CONFIGURATION
SHOWN ABOVE AND IN EXPLODED VIEW.
4. OPERATING TEMPERATURE RANGE: -15 C~+70 C
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
HARDWARE CONFIGURATIONS
F
WIRING MAP
"P1"
"J1"
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
SHELL
SHELL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DG909MF1
F
DG909MF1.SLDDRW
1
1
C.McCORMICK
04/01/05
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.PARHAM
04/01/05
3/10/15
E
F
ECN 7835:REVISED MODEL TO ABS DESIGN
ECN 8129: ADD OPERATING TEMPERATURE RANGE
10/16/15
D.FRISIELLO
S.LI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADPT,DB9M/F RA ORIENTATION 1
D-SUBMINIATURE
PROJECTION
UNLESS OTHERWISE SPECIFIED,
M.LAHEY
COLOR VARIATIONS
MAY OCCUR
04/01/05
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - DG909MF1

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DG909MF1 L-COM-DG909MF1 Datasheet
184Kb / 1P
ADPT, DB9M/F RA ORIENTATION 1
04/01/05
DG909MF1-P L-COM-DG909MF1-P Datasheet
172Kb / 1P
ADPT,DB9M/F RA ORIENTATION 1 PREMIUM VERSION
01/19/2018
DG909MF1 L-COM-DG909MF1_V01 Datasheet
184Kb / 1P
ADPT, DB9M/F RA ORIENTATION 1
04/01/05
More results

Similar Description - DG909MF1

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com