Electronic Components Datasheet Search
  English  ▼

X  

P3055LLG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P3055LLG
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P3055LLG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P3055LLG Datasheet HTML 1Page - List of Unclassifed Manufacturers P3055LLG Datasheet HTML 2Page - List of Unclassifed Manufacturers P3055LLG Datasheet HTML 3Page - List of Unclassifed Manufacturers P3055LLG Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NOV-05-2004
N-Channel Logic Level Enhancement
Mode Field Effect Transistor
P3055LLG
SOT-223
Lead-Free
NIKO-SEM
VGS = 5V, ID = 3A
70
120
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 6A
50
90
mΩ
Forward Transconductance
1
gfs
VDS = 15V, ID = 6A
16
S
DYNAMIC
Input Capacitance
Ciss
450
Output Capacitance
Coss
200
Reverse Transfer Capacitance
Crss
VGS = 0V, VDS = 15V, f = 1MHz
60
pF
Total Gate Charge
2
Qg
15
Gate-Source Charge
2
Qgs
2.0
Gate-Drain Charge
2
Qgd
VDS = 0.5V(BR)DSS, VGS = 10V,
ID = 3A
7.0
nC
Turn-On Delay Time
2
td(on)
6.0
Rise Time
2
tr
VDS = 15V, RL = 1Ω
6.0
Turn-Off Delay Time
2
td(off)
ID ≅ 10A, VGS = 10V, RGS = 2.5Ω
20
Fall Time
2
tf
5.0
nS
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
Continuous Current
IS
6
Pulsed Current
3
ISM
35
A
Forward Voltage
1
VSD
IF = IS, VGS = 0V
1.5
V
Reverse Recovery Time
trr
30
nS
Peak Reverse Recovery Current
IRM(REC)
IF = IS, dlF/dt = 100A / µS
15
A
Reverse Recovery Charge
Qrr
0.043
µC
1Pulse test : Pulse Width
≤ 300 µsec, Duty Cycle ≤ 2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
REMARK: THE PRODUCT MARKED WITH “P3055LLG”, DATE CODE or LOT #
Orders for parts with Lead-Free plating can be placed using the PXXXXXXG parts name.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com