Electronic Components Datasheet Search
  English  ▼

X  

XEV16/200 Datasheet(PDF) 2 Page - Clarke International

Part # XEV16/200
Description  AIR COMPRESSOR XE RANGE - ELECTRIC MOTOR DRIVE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

XEV16/200 Datasheet(HTML) 2 Page - Clarke International

  XEV16/200 Datasheet HTML 1Page - Clarke International XEV16/200 Datasheet HTML 2Page - Clarke International XEV16/200 Datasheet HTML 3Page - Clarke International XEV16/200 Datasheet HTML 4Page - Clarke International XEV16/200 Datasheet HTML 5Page - Clarke International XEV16/200 Datasheet HTML 6Page - Clarke International XEV16/200 Datasheet HTML 7Page - Clarke International XEV16/200 Datasheet HTML 8Page - Clarke International XEV16/200 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE compressor which is designed to supply
compressed air to air powered tools for a wide range of applications such as spraying,
sanding, drilling and cutting.
Before attempting to use this product, please read this manual thoroughly and follow
the instructions carefully. In doing so you will ensure the safe operation of the
compressor. Please note, these compressors are for indoor use only.
MODELS COVERED
Model
Number
Air
output
Max
working
pressure
Receiver
capacity
Motor
HP
Weight
Dimn’s
(mm)
Sound
Power
level dB
(LWA)
Sound
Pressure
level dB
(LAEQ)
XEP15/50
14cfm
10.3bar
50L
3HP
61kg
930 x430
x800
101
78
XEPV16/50
14cfm
10.3bar
50L
3HP
66kg
930x430
x 800
99
77
XEPVH16/50 14cfm
10.3bar
50L
3HP
71kg 1000x460
x 840
99
77
XE15/150
14cfm
10.3bar
150L
3HP
88kg 1330x420
x 850
98
81
XEV16/100
14cfm
10.3bar
100L
3HP
69kg 1130x360
x 830
98
82
XEV16/150
14cfm
10.3bar
150L
3HP
86kg
1330x42x
850
101
84
XEV16/200
14cfm
10.3bar
200L
3HP
100kg 1460x470
x 910
101
84
XE18/200
18cfm
10.3bar
200L
4HP
98kg 1460x470
x 910
104
87
XE25/200
23cfm
10.3bar
200L
5.5HP 127kg 1460x470
x 990
102
84
XE29/270
28cfm
10.3bar
270L
2x3HP 150kg 1570x515
x1040
105
87
XE36/C200
30cfm
10.3bar
200L
7.5HP 122kg 1450x450
x1000
110
92.3
XE37/270
36cfm
10.3bar
270L
2x4HP 151kg 1570x515
x1040
106
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com