Electronic Components Datasheet Search
  English  ▼

X  

00872 Datasheet(PDF) 1 Page - ABB

Part # 00872
Description  IP55- SMOOTH W.-TR. LOW LID-153X110X66
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

00872 Datasheet(HTML) 1 Page - ABB

  00872 Datasheet HTML 1Page - ABB 00872 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
EAN:
Minimum Order Quantity:
Customs Tariff Number:
Product Net Width:
Product Net Height:
Product Net Depth:
Product Net Weight:
Package Level 1 Units:
Package Level 1 Width:
Package Level 1 Height:
Package Level 1 Length:
Package Level 1 Gross Weight:
Package Level 1 EAN:
Package Level 2 Units:
RoHS Status:
Color:
Degree of Protection:
Enclosure Material:
IIT Publishing Status:
Material:
Mounting Type:
Product Main Type:
Product Name:
Protection Class:
Data Sheet, Technical Information:
Declaration of Conformity - CE:
RoHS Information:
ETIM 4:
ETIM 5:
Object Classification Code:
General Information
M008720000
00872
8000126008722
IP55- SMOOTH W.-TR. LOW LID-153X110X66
IP65- SMOOTH W.-TR. LOW LID-153X110X66 - GWT 650°C
Categories
Products
» Low Voltage Products and Systems » Enclosures (System Pro E) » Junction Boxes (System pro E - Installation
Material)
» Floor Distribution System
Ordering
8000126008722
1 piece
85381000
Dimensions
0.153 m
0.11 m
0.05 m
0.22 kg
Container Information
1 piece
400 mm
265 mm
590 mm
8.43 kg
8000126069839
34 piece
Environmental
Planned to follow EU Directive 2002/95/EC August 18, 2005 and amendment after 2006-01-
01
Additional Information
grey RAL7035
IP65
thermoplastic
Level 0 - Information enabled
thermoplastic
wall-mounting
Watertight Boxes
Watertight Boxes
Isolated
Certificates and Declarations (Document Number)
1SLC001001D0905
1SLT100031D0200
1SLT00014R4E0
Classifications
EC002600 - Box/housing for surface mounting on the wall/ceiling
EC002600 - Box/housing for surface mounting on the wall/ceiling
U
M008720000


Similar Part No. - 00872

ManufacturerPart #DatasheetDescription
logo
Videk Ltd
008-001-014-00 VIDEK-008-001-014-00 Datasheet
1Mb / 1P
LJ6C Metal Face Plates
008-001-014-01 VIDEK-008-001-014-01 Datasheet
1Mb / 1P
LJ6C Metal Face Plates
008-001-014-02 VIDEK-008-001-014-02 Datasheet
1Mb / 1P
LJ6C Metal Face Plates
008-001-014-03 VIDEK-008-001-014-03 Datasheet
1Mb / 1P
LJ6C Metal Face Plates
008-001-014-04 VIDEK-008-001-014-04 Datasheet
1Mb / 1P
LJ6C Metal Face Plates
More results

Similar Description - 00872

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VDC1097 CPI-VDC1097 Datasheet
344Kb / 1P
TR Limiter
VDU1690 CPI-VDU1690 Datasheet
308Kb / 1P
Pre-TR,TR Limiter
VDX1362 CPI-VDX1362 Datasheet
343Kb / 1P
Pre-TR, TR Limiter
logo
List of Unclassifed Man...
TR-6101 ETC2-TR-6101 Datasheet
46Kb / 1P
TR SERIES
logo
Schneider Electric
NSYCRNG810300D SCHNEIDER-NSYCRNG810300D Datasheet
106Kb / 2P
Spacial CRNG db plain door w/o mount.plate.H800xW1000xD300 IP55 IK10 RAL7035
May 12, 2021
NSYCRNG1010300D SCHNEIDER-NSYCRNG1010300D Datasheet
110Kb / 2P
Spacial CRNG 2 plain door w/o mount.plate. H1000xW1000xD300 IP55 IK10 RAL7035
May 12, 2021
NSYCRNG1210300D SCHNEIDER-NSYCRNG1210300D Datasheet
105Kb / 2P
Spacial CRNG dbl plain door w/o mount.plate. H1200xW1000xD300 IP55 IK10 RAL7035
May 12, 2021
NSYCRNG1210400D SCHNEIDER-NSYCRNG1210400D Datasheet
103Kb / 2P
Spacial CRNG plain door w/o mount.plate. H1200xW1000xD400 IP55 IK10 RAL7035
May 12, 2021
NSYCRNG1212400D SCHNEIDER-NSYCRNG1212400D Datasheet
109Kb / 2P
Spacial CRNG plain door w/o mount.plate. H1200xW1200xD400 IP55 IK10 RAL7035.
May 12, 2021
NSYCRNG1410300D SCHNEIDER-NSYCRNG1410300D Datasheet
101Kb / 2P
Spacial CRNG plain door w/o mount.plate. H1400xW1000xD300 IP55 IK10 RAL7035
May 12, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com