Electronic Components Datasheet Search
  English  ▼

X  

EPP-CON250 Datasheet(PDF) 32 Page - ABB

Part # EPP-CON250
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-CON250 Datasheet(HTML) 32 Page - ABB

Back Button EPP-CON250 Datasheet HTML 28Page - ABB EPP-CON250 Datasheet HTML 29Page - ABB EPP-CON250 Datasheet HTML 30Page - ABB EPP-CON250 Datasheet HTML 31Page - ABB EPP-CON250 Datasheet HTML 32Page - ABB EPP-CON250 Datasheet HTML 33Page - ABB EPP-CON250 Datasheet HTML 34Page - ABB EPP-CON250 Datasheet HTML 35Page - ABB EPP-CON250 Datasheet HTML 36Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
33
—
MCB - S 200 P series
Order codes
M C B - S 2 0 0 SER I E S - O R D ER CO D E S
—
S 200 series P C
—
S 200 series P B
Rated
current
in A
Rated current in kA
Order codes
IEC/EN 60898-1
1 Pole
3 Pole
6
25kA
S201P-B6
S203P-B6
10
25kA
S201P-B10
S203P-B10
13
25kA
S201P-B13
S203P-B13
16
25kA
S201P-B16
S203P-B16
20
25kA
S201P-B20
S203P-B20
25
25kA
S201P-B25
S203P-B25
32
15kA
S201P-B32
S203P-B32
40
15kA
S201P-B40
S203P-B40
50
15kA
S201P-B50
S203P-B50
63
15kA
S201P-B63
S203P-B63
Rated
current
in A
Rated current in kA
Order codes
IEC/EN 60898-1
1 Pole
3 Pole
6
25kA
S201P-C6
S203P-C6
10
25kA
S201P-C10
S203P-C10
13
25kA
S201P-C13
S203P-C13
16
25kA
S201P-C16
S203P-C16
20
25kA
S201P-C20
S203P-C20
25
25kA
S201P-C25
S203P-C25
32
15kA
S201P-C32
S203P-C32
40
15kA
S201P-C40
S203P-C40
50
15kA
S201P-C50
S203P-C50
63
15kA
S201P-C63
S203P-C63
—
S 200 series P D
Rated
current
in A
Rated current in kA
Order codes
IEC/EN 60898-1
1 Pole
3 Pole
6
25kA
S201P-D6
S203P-D6
10
25kA
S201P-D10
S203P-D10
13
25kA
S201P-D13
S203P-D13
16
25kA
S201P-D16
S203P-D16
20
25kA
S201P-D20
S203P-D20
25
25kA
S201P-D25
S203P-D25
32
15kA
S201P-D32
S203P-D32
40
15kA
S201P-D40
S203P-D40
50
15kA
S201P-D50
S203P-D50
63
15kA
S201P-D63
S203P-D63
Please see glossary for complete MCB offering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com