Electronic Components Datasheet Search
  English  ▼

X  

18B20 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # 18B20
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

18B20 Datasheet(HTML) 3 Page - Dallas Semiconductor

  18B20 Datasheet HTML 1Page - Dallas Semiconductor 18B20 Datasheet HTML 2Page - Dallas Semiconductor 18B20 Datasheet HTML 3Page - Dallas Semiconductor 18B20 Datasheet HTML 4Page - Dallas Semiconductor 18B20 Datasheet HTML 5Page - Dallas Semiconductor 18B20 Datasheet HTML 6Page - Dallas Semiconductor 18B20 Datasheet HTML 7Page - Dallas Semiconductor 18B20 Datasheet HTML 8Page - Dallas Semiconductor 18B20 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS18B20
3 of 22
bus is virtually unlimited. The 1-Wire bus protocol, including detailed explanations of the commands and
“time slots,” is covered in the 1-Wire Bus System section.
Another feature of the DS18B20 is the ability to operate without an external power supply. Power is
instead supplied through the 1-Wire pullup resistor via the DQ pin when the bus is high. The high bus
signal also charges an internal capacitor (CPP), which then supplies power to the device when the bus is
low. This method of deriving power from the 1-Wire bus is referred to as “parasite power.” As an
alternative, the DS18B20 may also be powered by an external supply on VDD.
Figure 1. DS18B20 Block Diagram
OPERATION—MEASURING TEMPERATURE
The core functionality of the DS18B20 is its direct-to-digital temperature sensor. The resolution of the
temperature sensor is user-configurable to 9, 10, 11, or 12 bits, corresponding to increments of 0.5
°C,
0.25
°C, 0.125°C, and 0.0625°C, respectively. The default resolution at power-up is 12-bit. The DS18B20
powers up in a low-power idle state. To initiate a temperature measurement and A-to-D conversion, the
master must issue a Convert T [44h] command. Following the conversion, the resulting thermal data is
stored in the 2-byte temperature register in the scratchpad memory and the DS18B20 returns to its idle
state. If the DS18B20 is powered by an external supply, the master can issue “read time slots” (see the
1-Wire Bus System section) after the Convert T command and the DS18B20 will respond by transmitting
0 while the temperature conversion is in progress and 1 when the conversion is done. If the DS18B20 is
powered with parasite power, this notification technique cannot be used since the bus must be pulled high
by a strong pullup during the entire temperature conversion. The bus requirements for parasite power are
explained in detail in the Powering the DS18B20 section.
The DS18B20 output temperature data is calibrated in degrees Celsius; for Fahrenheit applications, a
lookup table or conversion routine must be used. The temperature data is stored as a 16-bit sign-extended
two’s complement number in the temperature register (see Figure 2). The sign bits (S) indicate if the
temperature is positive or negative: for positive numbers S = 0 and for negative numbers S = 1. If the
DS18B20 is configured for 12-bit resolution, all bits in the temperature register will contain valid data.
For 11-bit resolution, bit 0 is undefined. For 10-bit resolution, bits 1 and 0 are undefined, and for 9-bit
resolution bits 2, 1, and 0 are undefined. Table 1 gives examples of digital output data and the
corresponding temperature reading for 12-bit resolution conversions.
VPU
4.7k
POWER-
SUPPLY
SENSE
64-BIT ROM
AND
1-Wire PORT
DQ
VDD
INTERNAL VDD
CPP
PARASITE POWER
CIRCUIT
MEMORY CONTROL
LOGIC
SCRATCHPAD
8-BIT CRC GENERATOR
TEMPERATURE SENSOR
ALARM HIGH TRIGGER (TH)
REGISTER (EEPROM)
ALARM LOW TRIGGER (TL)
REGISTER (EEPROM)
CONFIGURATION REGISTER
(EEPROM)
GND
DS18B20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com