Electronic Components Datasheet Search
  English  ▼

X  

DVIHDFF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DVIHDFF
Description  ADPT DVI-I DUAL LK F TO HDMI F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DVIHDFF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DVIHDFF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2X 4-40 UNC-2A
NICKEL PLATED
THUMBSCREW
PVC OVERMOLD
BLACK
1.30
33
MAY OCCUR
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
01/13/2006
8
DVIHDFF
E
DVIHDFF.SLDDRW
11
01/13/2006
REVISIONS
DESCRIPTION
APPROVED
REV
J. KIEZULAS
DATE
C. McCORMICK
01/16/2006
11/8/12
E
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
ECN 6511: CHANGED DVI-D CONNECTOR TO DVI-I
43321
AUDIO/VIDEO
PROJECTION
ADPT DVI-I DUAL LK F TO HDMI F
D. PARHAM
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
3. ADAPTOR SHALL BE TESTED FOR CONTINUITY.
4. ADAPTOR SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
5. ALL DIMENSIONS ARE FOR REFERENCE ONLY
NOTES:
1. ADAPTOR IS SHIPPED WITH DUST COVERS IN PLACE
(NOT SHOWN)
2. ADAPTOR IS SUPPLIED WITH (2) #4-40 UNC-2B X .23" LG
HEX STANDOFF.
E
19
1
2
18
"J2"
FEMALE HDMI CONNECTOR
BLACK INSULATOR
NICKEL PLATED SHELL
2X 4-40 UNC-2B
HEX STANDOFF
2X .23
5.8
FEMALE DVI-I CONNECTOR
(WHITE INSULATOR)
"J1"
PIN 1
.60
15.2
1.55
"J1"
"J2"
21
32
13
10
4
11
5
96
18
7
19
8
17
9
23
10
22
11
24
12
615
716
15
17
14
18
16
19
SHELL
SHELL
WIRING MAP


Similar Part No. - DVIHDFF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DVIHDFM L-COM-DVIHDFM Datasheet
72Kb / 1P
ADAPTOR DVI-I F / HDMI M
01/13/2006
More results

Similar Description - DVIHDFF

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
Tripp Lite. All Rights ...
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130-08N TRIPPLITE-P130-08N Datasheet
155Kb / 2P
HDMI to DVI Adapter Cable (HDMI to DVI-D F/M), 8-in.
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P132-08N TRIPPLITE-P132-08N Datasheet
157Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com