Electronic Components Datasheet Search
  English  ▼

X  

EC608M Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # EC608M
Description  CLSTR BAR 8PRT (6X6)/CN50
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

EC608M Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  EC608M Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.43
138
1.03
26.2
PIN 1
(TYP)
PIN 6
(TYP)
(8) RJ12 JACKS
2.36
60
1.57
40
2X
.158 MIN. THRU HOLE
WITH
0.33 MIN. C'BORE
BRACKET FOR
VELCRO STRAP
(SUPPLIED) FOR
SECURING CABLE
CONNECTOR
50 CONTACT TELCO
MALE OR FEMALE
CONNECTOR
HEAT SEAL
TAB
VELCRO
HOOKS
VELCRO
FELT
STRAP IS LOOPED
THROUGH SLOT ON
BRACKET OF THIS TELCO
CONNECTOR AND HEAT
SEALED
NOTES:
1. HOUSING IS ABS PLASTIC, COLOR: GRAY.
2. EACH CLUSTER BAR IS INDIVIDUALLY PACKAGED IN A PLASTIC BAG WITH
(2) 35mm (1.38) LONG WOOD SCREWS AND (1) PIECE OF DOUBLE SIDED
MOUNTING TAPE OF THE SAME LENGTH AS THE ABS HOUSING.
3. EACH CLUSTER BAR HAS A SPECIAL MOUNTING STRAP HAVING APPROXIMATELY
50mm OF VELCRO HOOKS AND 50mm OF FELT. THERE IS A PULL TAB ON THE
HOOKS END AND A HEAT SEALED LOOP ON THE FELT END.
NO CONNECTIONS TO TELCO CONTACTS 25 & 50
WIRE MAP
(IN ACCORDANCE WITH SCHEDULE 0 (USOC) 6 WIRE)
JACK
NO.
RJ12
PIN NO.
50 PIN
CONNECTOR
JACK
NO.
RJ12
PIN NO.
50 PIN
CONNECTOR
1
4
26
5
4
38
3
1
3
13
2
27
2
39
5
2
5
14
1
28
1
40
6
3
6
15
2
4
29
6
4
41
3
4
3
16
2
30
2
42
5
5
5
17
1
31
1
43
6
6
6
18
3
4
32
7
4
44
3
7
3
19
2
33
2
45
5
8
5
20
1
34
1
46
6
9
6
21
4
4
35
8
4
47
3
10
3
22
2
36
2
48
5
11
5
23
1
37
1
49
6
12
6
24
MODEL NUMBER TELCO CONNECTOR
EC608F
FEMALE
EC608M
MALE
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
EC608M
A
EC608M.SLDDRW
1
1
AEM
9/11/96
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
ENG
8/26/98
8/11/09
A
DRAWING NUMBER WAS 96-091102
D. CASTRO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CLSTR BAR 8PRT (6X6)/CN50
MODULAR
PROJECTION
UNLESS OTHERWISE SPECIFIED,
TJC
COLOR VARIATIONS
MAY OCCUR
9/11/96
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - EC608M

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
EC608F L-COM-EC608F Datasheet
64Kb / 1P
CLSTR BAR 8PRT (6X6)/CN50
9/11/96
More results

Similar Description - EC608M

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT6 BITECH-SWT6 Datasheet
199Kb / 5P
Tactile Switches 6X6 mm 1 Million Actuations RoHS Compliant
logo
Molex Electronics Ltd.
0475780001 MOLEX6-0475780001 Datasheet
289Kb / 5P
Camera Socket for Mobile Phone, Top Mount, 6x6 Camera Module
logo
Fairchild Semiconductor
AN-9048 FAIRCHILD-AN-9048 Datasheet
754Kb / 9P
6x6 DriverMOS Packaging
logo
GREATECS
TP38H GREATECS-TP38H Datasheet
219Kb / 7P
6x6 mm SMT Halogen-Free Tactile Switches
logo
Tyco Electronics
1571634-2 MACOM-1571634-2 Datasheet
120Kb / 1P
TACTICLE SWITCH 6X6 mm LOW PROFILE
logo
JFW Industries, Inc.
50MS-304 JFW-50MS-304 Datasheet
86Kb / 1P
6x6 NON-BLOCKING MATRIX SWITCH
logo
Schneider Electric
LDB610KO SCHNEIDER-LDB610KO Datasheet
58Kb / 2P
WIREWAY 6X6 N1 PAINT 10FT LG WITH KO.S
logo
Schurter Inc.
1301.9307 SCHURTER-1301.9307 Datasheet
457Kb / 4P
Print and SMD Switch 6x6
01.12.2020
1301.9301 SCHURTER-1301.9301_V01 Datasheet
484Kb / 4P
Print and SMD Switch 6x6
04.01.2022
logo
List of Unclassifed Man...
DTSG-6 ETC-DTSG-6 Datasheet
936Kb / 2P
6x6 Through Hole & Ground Terminal Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com