Electronic Components Datasheet Search
  English  ▼

X  

PSCT-400 Datasheet(PDF) 43 Page - ABB

Part # PSCT-400
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-400 Datasheet(HTML) 43 Page - ABB

Back Button PSCT-400 Datasheet HTML 36Page - ABB PSCT-400 Datasheet HTML 37Page - ABB PSCT-400 Datasheet HTML 38Page - ABB PSCT-400 Datasheet HTML 39Page - ABB PSCT-400 Datasheet HTML 40Page - ABB PSCT-400 Datasheet HTML 41Page - ABB PSCT-400 Datasheet HTML 42Page - ABB PSCT-400 Datasheet HTML 43Page - ABB PSCT-400 Datasheet HTML 44Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
4
ABB Spare parts | 4/3
Spare parts arc guard
Accessories
Optical cables
Ordering details
Cable length
Order code
Pkg
Weight
qty
(1 pce)
kg
0.5 m
1SFA663004R1000
0.010
1 m
1SFA663004R1010
0.010
2 m
1SFA663004R1020
0.020
4 m
1SFA663004R1040
0.040
6 m
1SFA663004R1060
0.060
8 m
1SFA663004R1080
0.080
10 m
1SFA663004R1100
0.100
15 m
1SFA663004R1150
0.150
20 m
1SFA663004R1200
0.200
25 m
1SFA663004R1250
0.250
30 m
1SFA663004R1300
0.300
Mounting bracket set
Ordering details
Order code
Pkg
Weight
qty
(1 pce)
kg
One set including 5 pcs of bracket and
10 pcs if cable strap
1SFA663006R1010
0.250
Mounting kit
Ordering details
Order code
Pkg
Weight
qty
(1 pce)
kg
600 mm
1SFA663006R1001
0.350
800/1000 mm
1SFA663006R1002
0.600
Label
Ordering details
Order code
Pkg
Weight
qty
(1 pce)
kg
One set including 10 pcs
1SFA663005R1001
0.020
Flush mounting set
Ordering details
Order code
Pkg
Weight
qty
(1 pce)
kg
Consisting of mounting bracket,
gasket and screws
1SFA663006R1015
0.530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com