Electronic Components Datasheet Search
  English  ▼

X  

SC7022 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC7022
Description  SMA-M CONN .086 SR DIRECT SOLDER R ANGLE REV STRIPPING DIMENSIONS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC7022 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC7022 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SMA-M CONN .086 SR DIRECT SOLDER R ANGLE
S. M. ELECTRONICS L.L.C.
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-12.4 GHZ
VSWR 1.3:1 MAX
IMPEDANCE: 50 OHMS
MECHANICAL:
MATERIAL BODY: STAINLESS STEEL
CENTER CONTACT: BRASS
CONTACT PLATING: Au MIL-G-45204
CAPTIVATED CONTACT
INSULATOR: TEFLON
INTERFACE: MIL-STD-883A
ROHS COMPLIANT
OP. TEMP RANGE: -55°C to +155°C
ASSEMBLY
TRIM CABLE AS SHOWN,
INSERT CABLE INTO SMA BODY,
POSITION CABLE INNER CONDUCTOR IN CENTER CONTACT SLOT,
SOLDER CONNECTOR BODY TO CABLE OUTER CONDUCTOR,
SOFT SOLDER CENTER CONTACT TO CABLE INNER CONDUCTOR,
PRESS ON CAP
SC7018 PASSIVATED NUT
SC7019 Au PLATING
SMA-M
FAIRVIEW, TX 75069 WWW.SMELECTRONICS.US
3FKR5
.680"
CAP
STRIPPING DIMENSIONS


Similar Part No. - SC7022

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC702 SWITCH-SC702 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Infinite Electronics In...
SC7027 FAIRVIEW-SC7027 Datasheet
500Kb / 3P
RA SMA Male Connector Solder Attachment For RG405, RG405 Tinned, .086 SR Cable
REV 2.0
SC7029 FAIRVIEW-SC7029 Datasheet
507Kb / 3P
SMA Male Connector Crimp/Solder Attachment For LMR-200 Cable
REV 2.0
logo
Switchcraft, Inc.
SC702CT SWITCH-SC702CT Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
More results

Similar Description - SC7022

ManufacturerPart #DatasheetDescription
logo
ITT Industries
AI-98 ITT-AI-98 Datasheet
70Kb / 1P
SMA Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
CSMA5 ITT-CSMA5 Datasheet
83Kb / 1P
SMA Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
logo
Amphenol Corporation
901-9805-HP AMPHENOL-901-9805-HP Datasheet
86Kb / 1P
SMA PLUG SOLDER TYPE .086 SEMI-RIGID
122420 AMPHENOL-122420 Datasheet
40Kb / 1P
TNC R/A DIRECT SOLDER PLUG
132112 AMPHENOL-132112 Datasheet
69Kb / 1P
SMA R/A DIRECT SOLDER PLUG
132201 AMPHENOL-132201 Datasheet
67Kb / 1P
SMA R/A DIRECT SOLDER PLUG (FOR .141 SEMI-RIGID CABLE)
logo
Molex Electronics Ltd.
0732510651 MOLEX-0732510651_V01 Datasheet
60Kb / 1P
50 Ohms, SMA Right-Angle Plug, RG-405 (.086) Cable, Solder, Brass Body, Gold Plated
logo
Amphenol Corporation
SF2915-6605 AMPHENOL-SF2915-6605 Datasheet
82Kb / 1P
SMA R/A PLUG FOR .086 S.R. CABLE
logo
TE Connectivity Ltd
C-2016757 TEC-C-2016757 Datasheet
182Kb / 1P
EP-SMA,27GHz STR,M-M,RG405(.086) FLEX
logo
Amphenol SV Microwave
SF2915-6605 SVMICROWAVE-SF2915-6605 Datasheet
81Kb / 1P
SMA R/A PLUG FOR .086 S.R. CABLE
REV.B 04/14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com