Electronic Components Datasheet Search
  English  ▼

X  

SC8433 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC8433
Description  .040" TYP FAIRVIEW MICROWAVE INC. SMA BULKHEAD EDGE LAUNCH .062" .312" ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC8433 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC8433 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SMA BULKHEAD EDGE LAUNCH .062"
3FKR5
ELECTRICAL
50 OHMS
VSWR 1.25:1 MAX @ 18 GHZ
FREQUENCY: 0-18 GHZ
MECHANICAL
MATERIAL BODY: AU PLATED BRASS
MATERICAL CONTACTS: BeCu
CONTACT PLATING Au PER MIL-G-45204
INTERFACE MIL-STD-348
INSULATION: TEFLON
ENVIRONMENTAL
-65 DEG C TO +165 DEG C
ROHS COMPLIANT
SPECIFICATIONS
.312"
.040" TYP
.040"
TYP
.375"
Ø.050"
.065"
.500"
.187"
MAX PANEL: 0.125"
.068"
.073"
HEX
GASKET
1/4"-36UNS-2A
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
SMA BULKHEAD EDGE LAUNCH .062"


Similar Part No. - SC8433

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC8435 FAIRVIEW-SC8435 Datasheet
502Kb / 3P
SMA Female Bulkhead PCB Connector .062 inch End Launch Solder Attachment
REV 2.1
SC8438 FAIRVIEW-SC8438 Datasheet
635Kb / 3P
SMA Female (Jack) Bulkhead PCB Connector .052 inch End Launch, Solder, Gold Plated Brass Body, Length 0.645 In
REV 2.1B
More results

Similar Description - SC8433

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
142-0791-801 EMERSON-NETWORKPOWER-142-0791-801 Datasheet
116Kb / 1P
JACK ASSEMBLY SELF FIXTURING END LAUNCH,SMA, .062 BOARD THICKNESS
142-0791-821 EMERSON-NETWORKPOWER-142-0791-821 Datasheet
117Kb / 1P
SMA JACK ASSEMBLY SELF FIXTURING END LAUNCH, TAB CONTACT, .062 BOARD
logo
Amphenol Corporation
132270-66307 AMPHENOL-132270-66307 Datasheet
44Kb / 2P
SMA BULKHEAD RECEPTACLE JACK END LAUNCH
132289-80094 AMPHENOL-132289-80094 Datasheet
92Kb / 2P
SMA END LAUNCH BULKHEAD JACK
logo
Pasternack Enterprises,...
PE45406 PASTERNACK-PE45406 Datasheet
462Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .062 inch End Launch PCB
logo
Amphenol Corporation
2921-00037 AMPHENOL-2921-00037 Datasheet
106Kb / 1P
SMA FEMALE FIXTURELESS SNAP-IN EDGE LAUNCH FOR .062" PCB
logo
Amphenol SV Microwave
2921-00058 SVMICROWAVE-2921-00058 Datasheet
94Kb / 1P
STR. F. SMA BLKHD PCB EDGE LAUNCH CONNECTOR .062" PCB
REV.A 04/22
SF2921-61450 SVMICROWAVE-SF2921-61450 Datasheet
131Kb / 1P
SMA FEMALE EDGE LAUNCH CONNECTOR WITH .008 LAUNCH PIN
REV.C 10/21
2921-00037 SVMICROWAVE-2921-00037 Datasheet
528Kb / 1P
SMA FEMALE FIXTURELESS SNAP-IN EDGE LAUNCH FOR .062" PCB
01/20
logo
Amphenol Corporation
132289 AMPHENOL-132289 Datasheet
95Kb / 1P
SMA END LAUNCH BULKHEAD JACK(.062" BOARD THICKNESS)
REV, A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com