Electronic Components Datasheet Search
  English  ▼

X  

SC9103 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC9103
Description  ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM STRIPPING DIMENSIONS N-M CRIMP RG8, RG213, RG11
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC9103 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC9103 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
N-M CRIMP RG8, RG213, RG11
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-12 GHZ
VSWR 1.3:1 MAX
IMPEDANCE: 50 OHMS
MECHANICAL:
MATERIAL BODY: NICKLE PLATED BRASSS
CENTER CONTACT: BRASS
CAPTIVATED CONTACT
CONTACT PLATING: Au MIL-G-45204
INSULATOR: TEFLON
INTERFACE: MIL-STD-348B
ROHS COMPLIANT
OP. TEMP RANGE: -55°C- +155°C
ASSEMBLY INSTRUCTIONS:
TRIM CABLE AS SHOWN;
SOLDER CONTACT ONTO CENTER CONDUCTOR,
CHECK THAT BACK OF CONTACT IS FLUSH WITH DIELECTRIC;
FLARE BRAID SLIGHTLY BY ROTATING;
INSERT CABLE/CONTACT INTO REAR OF BODY;
ALL BRAID WIRES OUTSIDE OF CRIMP TAIL;
PUSH CABLE IN UNTIL CONTACT SNAPS INTO INSULATOR;
TRIM EXCESS BRAID WIRES;
SLIDE SLEEVE FORWARD, CRIMP
3FKR5
.406"
.187"
STRIPPING DIMENSIONS
1.53"
.63"
.500"
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
N-M CRIMP RG8, RG213, RG11


Similar Part No. - SC9103

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9102C SILAN-SC9102C Datasheet
179Kb / 16P
TONE/PULSE DIALER WITH REDIAL FUNCTION
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Infinite Electronics In...
SC9104 FAIRVIEW-SC9104 Datasheet
517Kb / 3P
N Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393 Cable
REV 2.1
SC9105 FAIRVIEW-SC9105 Datasheet
561Kb / 3P
N Male Connector Crimp/Solder Attachment For RG9, RG214, RG393, RG225 Cable
REV 2.1A
logo
List of Unclassifed Man...
SC9106 ETC1-SC9106 Datasheet
90Kb / 5P
TONE RINGER SC9106
More results

Similar Description - SC9103

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44065 PASTERNACK-PE44065 Datasheet
86Kb / 1P
N FEMALE PANEL MOUNT CRIMP ATTACHMENT FOR RG8 &RG213
PE4446 PASTERNACK-PE4446 Datasheet
108Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE44478 PASTERNACK-PE44478 Datasheet
85Kb / 1P
REVERSE POLARITY N FEMALE CRIMP ATTACHMENT FOR RG8 &RG213
PE4940 PASTERNACK-PE4940 Datasheet
86Kb / 1P
N FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG8 & RG213
PE4482 PASTERNACK-PE4482 Datasheet
109Kb / 1P
N MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG8 & RG213
PE4496 PASTERNACK-PE4496 Datasheet
109Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG8 &RG213
PE4062 PASTERNACK-PE4062 Datasheet
258Kb / 2P
N Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4493 PASTERNACK-PE4493 Datasheet
108Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4430 PASTERNACK-PE4430 Datasheet
372Kb / 3P
N Male Connector Crimp-Solder Attachment for RG213, RG8
PE44472 PASTERNACK-PE44472 Datasheet
251Kb / 2P
RP N Male Connector Crimp-Solder Attachment For RG213, RG8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com