Electronic Components Datasheet Search
  English  ▼

X  

1EDP Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1EDP
Description  PC Board Mountable RFI Filters for General Purpose Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1EDP Datasheet(HTML) 1 Page - Tyco Electronics

  1EDP Datasheet HTML 1Page - Tyco Electronics 1EDP Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORCOM Product Guide
PC Board Mountable RFI Filters for General Purpose Applications
The EDP series RFI filters provide enhanced differential
mode performance for applications requiring more line-to-
line protection. The EDP filters feature low leakage current
for European safety requirements.
This series is likewise PC board mounted and is only
slightly taller than the EOP series filters. The EDP filters
are also available up to 10 amps.
EOP Series
The EOP series RFI power line filters are general purpose
filters which are effective in removing both common and
differential mode noise for susceptibility applications.
These filters have low leakage current for European
safety requirements.
The compact design allows PC mounting with minimal
space requirements. Available from 1 to 10 amps, the
filters provide a cost effective alternative to on board
components.
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
.22 mA
@ 250 VAC 50 Hz:
.38 mA
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Rated current:
1EDP/1EOP
1A
3EDP/3EOP
3A
6EDP/6EOP
6A
10EDP/10EOP
10A
EOP- Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
01A
32
41
54
54
46
40
03A
18
28
35
41
40
40
06A
10
20
28
37
40
40
10A
5
14
19
27
33
40
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
2
4
10
20
30
01A
1
6
19
39
48
52
38
35
03A
1
4
9
9
28
41
36
35
06A
1
4
9
9
40
40
42
35
10A
1
4
9
9
14
35
42
35
EDP — Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
01A
32
41
54
54
46
40
03A
18
28
35
41
40
40
06A
10
20
28
37
40
40
10A
5
14
19
27
33
40
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.15
.5
1
5
10
30
01A
4
14
42
42
44
38
03A
4
14
24
38
38
38
06A
4
14
22
30
34
34
10A
6
16
22
40
50
45
34
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.cor.com
Revised 03-04
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
1-508-992-4495
are metric equivalents.
to change.
Germany:
49-89-6089-0
EDP, EOP Series
EDP Series
Electrical Schematic
EDP/EOP Models
LINE
LOAD
Resistor location for reference only.
UL Recognized
CSA Certified
VDE Approved
EDP/EOP


Similar Part No. - 1EDP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EDP MACOM-1EDP Datasheet
481Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
1EDP MACOM-1EDP Datasheet
177Kb / 3P
PC Board Mountable General Purpose RFI Filters
More results

Similar Description - 1EDP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
RFI Power Line Filters for DC Applications
logo
EPCOS
B84110B EPCOS-B84110B Datasheet
93Kb / 6P
2-line filters for general-purpose applications
logo
Tyco Electronics
BLF820 MACOM-BLF820 Datasheet
39Kb / 1P
surface Mountable RFI Filters
3EXP MACOM-3EXP Datasheet
431Kb / 2P
PC Board Mountable RFI Power Line Filters for Emission Control Applications
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
RFI Power Line Filters for DC Applications
1EBP MACOM-1EBP Datasheet
177Kb / 3P
PC Board Mountable General Purpose RFI Filters
3EXP MACOM-3EXP_11 Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
RFI Power Line Filters for DC Applications
logo
TE Connectivity Ltd
3EXP TEC-3EXP Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
RFI Power Line Filters for DC Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com