Electronic Components Datasheet Search
  English  ▼

X  

RCS2002R Datasheet(PDF) 1 Page - Whirlpool.

Part # RCS2002R
Description  Electric Built-in Cooktop
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

RCS2002R Datasheet(HTML) 1 Page - Whirlpool.

  RCS2002R Datasheet HTML 1Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT MODEL NUMBERS
OVERALL DIMENSIONS
CABINET OPENING DIMENSIONS
RCS2002R
RCS2012R
RCS3004R
RCS3014R
RCS3614R
Electrical: A 4-wire or 3-wire, single phase, 240
volt, 60 Hz., AC only electrical supply is required
on a separate, 40-amp circuit, fused on both sides
of the line.
NOTE: The 15" (38.1 cm) model series requires a
20-amp circuit.
®
Electric Built-in Cooktop
Because Whirlpool Corporation policy includes a continuous commitment to improve
our products, we reserve the right to change materials and specifications without notice.
Dimensions are for planning purposes only. For complete details, see Installation
Instructions packed with product. Specifications subject to change without notice.
Ref. 8286310
08-10-05
A
B
C
D
A. 21" (53.3 cm)
B. 30" (76.2 cm)
36" (91.4 cm)
C.
³⁄₄" (1.9 cm)
D. 2
⁷⁄₈" (7.3 cm)
A. 16
¹⁄₂" (41.9 cm)
B. 21" (53.3 cm)
C. 18" (47.7 cm) overall
D. 2
⁷⁄₈" (7.3 cm)
B
A
C
D
A. 21" (53.3 cm) on 21" (53.3 cm) models; 30" (76.2 cm) models on
30" (76.2 cm) models; 36" (91.4 cm) on 36" (91.4 cm) models
B. Combustible area above countertop (shown by dashed box above)
C. 30" (76.2 cm) minimum clearance between top of cooktop platform
and bottom of unprotected wood or metal cabinet (24" [61 cm]
minimum clearance if bottom of wood or metal cabinet is protected
by not less than
¹⁄₄" [0.6 cm] flame retardant millboard covered with
not less than No. 28 MSG sheet steel, 0.015" [0.04 cm] stainless
steel or 0.024" [0.06 cm] aluminum or 0.020" [0.05 cm] copper)
D. 13" (33 cm) recommended upper cabinet depth
E. 3" (7.6 cm)
B
D
A
C
E
F
H
I
J
G
H
K
L
F. 15
¹⁄₂" (34.4 cm) on 21" (53.3 cm) models; 18⁵⁄₈" (45.7 cm) on
30" (76.2 cm) models and 36" (91.4 cm) models
G. 18" (45.7 cm) minimum clearance from upper cabinet to
countertop within minimum horizontal clearances to cooktop
H. Junction box or outlet; 12" (30.5 cm) minimum from bottom of
countertop; 10" (25.4 cm) from right side of cabinet
I. 18
⁵⁄₈" (33.7 cm) on 21" (53.3 cm) models; 28⁷⁄₈" (47.3 cm) on
30" (76.2 cm) models; 35" (90.2 cm) on 36" (91.4 cm) models
J. 1" (2.5 cm) minimum distance to nearest left and right side
combustible surface above cooktop
K. 1
⁵⁄₁₆" (3.4 cm) max. counter thickness on 21" (53.3 cm) models. See
following illustration.
L. 1" (2.5 cm) minimum clearance between back wall and countertop
For 21" (53.3 cm) model only:
A.
¹¹⁄₁₆" (1.7 cm) min.
B. 1
⁵⁄₁₆" (3.4 cm) max.
back edge
of cutout
rear of cabinet or
rear wall under
countertop
B
A


Similar Part No. - RCS2002R

ManufacturerPart #DatasheetDescription
logo
Whirlpool.
RCS2012R WHIRLPOOL-RCS2012R Datasheet
173Kb / 1P
21" Electric Cooktop
V01
More results

Similar Description - RCS2002R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M18109A ETC1-M18109A Datasheet
28Kb / 2P
Built-in oscillator.
logo
Power Integrations, Inc...
DI-133 POWERINT-DI-133 Datasheet
334Kb / 2P
Non-isolated Induction Cooktop Auxiliary Supply
logo
Renesas Technology Corp
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
The Electric Volume of Built-in Non Fader Volume with Tone
logo
AAEON Technology
AEC-6977 AAEON-AEC-6977 Datasheet
244Kb / 2P
built-in tpm
logo
SPANSION
S6E2H4 SPANSION-S6E2H4 Datasheet
3Mb / 159P
fpu built-in
S6E2HE SPANSION-S6E2HE Datasheet
4Mb / 163P
fpu built-in
S6E2HG SPANSION-S6E2HG Datasheet
4Mb / 161P
fpu built-in
logo
Shenzhen Huazhimei Semi...
HM5521A HMSEMI-HM5521A Datasheet
1Mb / 9P
built-in MOSFET
HM5521AMR HMSEMI-HM5521AMR Datasheet
1Mb / 9P
built-in MOSFET
logo
MOSDESIGN SEMICONDUCTOR...
M18109A MOSDESIGN-M18109A Datasheet
26Kb / 2P
Built-in oscillator
2005-03-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com