Electronic Components Datasheet Search
  English  ▼

X  

WCI55US4JB Datasheet(PDF) 3 Page - Whirlpool.

Part # WCI55US4JB
Description  INDUCTION COOKTOP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WCI55US4JB Datasheet(HTML) 3 Page - Whirlpool.

  WCI55US4JB Datasheet HTML 1Page - Whirlpool. WCI55US4JB Datasheet HTML 2Page - Whirlpool. WCI55US4JB Datasheet HTML 3Page - Whirlpool. WCI55US4JB Datasheet HTML 4Page - Whirlpool. WCI55US4JB Datasheet HTML 5Page - Whirlpool. WCI55US4JB Datasheet HTML 6Page - Whirlpool. WCI55US4JB Datasheet HTML 7Page - Whirlpool. WCI55US4JB Datasheet HTML 8Page - Whirlpool. WCI55US4JB Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DIMENSIONS
INDUCTION COOKTOP
IMPORTANT: Dimensional specifications are provided for planning purposes only.
Do not make any cutouts based on this information. Refer to the Installation Guide before
selecting cabinetry, verifying electrical/gas connections, making cutouts or beginning installation.
All Whirlpool® appliances are appropriately UL, CUL or CSA approved.
3 of 21
PRODUCT DIMENSIONS
MODEL #
24" (65 cm) Cooktop
WCI55US4JB/UCIG245KBL
30" (78.2 cm) Cooktop
WCI55US0JB/WCI55US0JS
Opening/Clearance Measurement
in
cm
in
cm
Control Panel Height (I)
225/32
7.1
25/16
7.1
Recessed Cooktop Height (J)
39/16
939/16
9
Cooking Surface Height (K)
323/32
9.4
323/32
9.4
Recessed Cooktop Depth (L)
201/4
51.4
201/4
51.4
Depth with Front Edge without Frame (M)
211/4
54.1
211/4
54.1
Depth with Front Edge with Frame (M)
NA
NA
22
55.9
SIDE VIEW
I
J
K
L
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com