Electronic Components Datasheet Search
  English  ▼

X  

OS32G Datasheet(PDF) 4 Page - ABB

Part # OS32G
Description  Switches Switch fuses OS32...160 A Gamma series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OS32G Datasheet(HTML) 4 Page - ABB

  OS32G Datasheet HTML 1Page - ABB OS32G Datasheet HTML 2Page - ABB OS32G Datasheet HTML 3Page - ABB OS32G Datasheet HTML 4Page - ABB OS32G Datasheet HTML 5Page - ABB OS32G Datasheet HTML 6Page - ABB OS32G Datasheet HTML 7Page - ABB OS32G Datasheet HTML 8Page - ABB OS32G Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 Ordering information | Switch fuses OS32...160 A Gamma series
Ordering information
Switch fuses OS32G...160G_, DIN-types
Front operated switch fuses
Including a black ON-OFF plastic handle and shaft as standard. OS32G_...63G_ include protected
tunnel terminals (IP20) and OS125G...160G include a terminal bolt kit. The handle is IP65 protected,
padlockable in the OFF-position and with door interlock in the ON-position and when padlocked. The
shaft is adjustable for a range of installation depths.
Rated op.
Rated op.
Fuse
Number
Type
Order number
Units/
Weight/
current
power
size
of
type
unit
AC-20...23
AC-23
poles
[pcs]
[kg]
≤ 690V
400/500/690V
[A]
[kW]
Mechanism between the poles
32
15/18.5/22 000
3
OS32GD12P
1SCA114581R1001 1
1.3
32
15/18.5/22 000
4
OS32GD22N2P
1SCA115202R1001 1
1.6
63
30/37/55
000
3
OS63GD12P
1SCA115227R1001 1
1.3
63
30/37/55
000
4
OS63GD22N2P
1SCA115230R1001 1
1.6
125
55/75/110 000, 00
3
OS125GD12P
1SCA115641R1001 1
1.5
125
55/75/110 000, 00
4
OS125GD22N2P
1SCA115880R1001 1
1.8
160
75/90/132 000, 00
3
OS160GD12P
1SCA115643R1001 1
1.5
160
75/90/132 000, 00
4
OS160GD22N2P
1SCA115884R1001 1
1.8
Mechanism at the end of the switch fuse
32
15/18.5/22 000
3
OS32GD03P
1SCA115189R1001 1
1.3
32
15/18.5/22 000
4
OS32GD04N2P
1SCA115193R1001 1
1.6
63
30/37/55
000
3
OS63GD03P
1SCA115207R1001 1
1.3
63
30/37/55
000
4
OS63GD04N2P
1SCA115209R1001 1
1.6
125
55/75/110 000, 00
3
OS125GD03P
1SCA115639R1001 1
1.5
125
55/75/110 000, 00
4
OS125GD04N2P
1SCA115877R1001 1
1.8
160
75/90/132 000, 00
3
OS160GD03P
1SCA115399R1001 1
1.5
160
75/90/132 000, 00
4
OS160GD04N2P
1SCA115882R1001 1
1.8
Side operated switch fuses without handle and shaft
OS32G_...63G_ include protected tunnel terminals (IP20) and OS125G...160G include a terminal bolt kit.
Rated op.
Rated op.
Fuse
Number
Type
Order number
Units/
Weight/
current
power
size
of
type
unit
AC-20...23
AC-23
poles
[pcs]
[kg]
≤ 690V
400/500/690V
[A]
[kW]
32
15/18.5/22 000
3
OS32GDS30
1SCA115963R1001 1
1.3
32
15/18.5/22 000
4
OS32GDS40N2
1SCA116046R1001 1
1.6
63
30/37/55
000
3
OS63GDS30
1SCA116007R1001 1
1.3
63
30/37/55
000
4
OS63GDS40N2
1SCA116047R1001 1
1.6
125
55/75/110 000, 00
3
OS125GDS30
1SCA115966R1001 1
1.5
125
55/75/110 000, 00
4
OS125GDS40N2
1SCA115967R1001 1
1.8
160
75/90/132 000, 00
3
OS160GDS30
1SCA115968R1001 1
1.5
160
75/90/132 000, 00
4
OS160GDS40N2
1SCA115969R1001 1
1.8
Shafts and handles included as standard /
Front operated switch fuses
Suitable for switches
Included shaftIncluded handle
Included terminal bolts
OS32G_...63G_
OXP6X161OHB45J6
OS125G_...160G_
OXP6X161OHB65J6
M8x25
OS_N2_ = Non-fused neutral on the right side
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
OS125G_...160G_03P
OS32G_...63G_03P
ON
ON
O
F
F
O
F
F
ON
ON
O
F
F
O
F
F
OS32G_...63GDS_
(handle and the shaft to be
ordered separately)
OS125G_...160GDS_
(handle and the shaft to be
ordered separately)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com