| Electronic Components Datasheet Search |
|
OT40F Datasheet(PDF) 23 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OT40F Datasheet(HTML) 23 Page - ABB |
|
23 / 192 page ![]() — Front operated 6- and 8-pole switch-disconnectors, base and DIN-rail mounting, IEC Including protected terminal clamps, IP20. Handle and shaft are not included. Number of poles Open air thermal current Ith Copper cable cross section Rated operat. currents AC22A/AC23A 400...415 V Type Order code Weight/ unit A mm² A/A kg 6 25 0.75...10 16/16 OT16F6 1SCA104834R1001 0.25 6 32 0.75...10 25/20 OT25F6 1SCA104880R1001 0.25 6 40 0.75...10 40/23 OT40F6 1SCA104936R1001 0.25 6 63 1.5...35 63/63 OT63F6 1SCA105379R1001 0.61 6 80 1.5...35 80/75 OT80F6 1SCA105427R1001 0.61 6 115 10...70 100/80 OT100F6 1SCA105021R1001 0.81 6 125 10...70 125/90 OT125F6 1SCA105057R1001 0.81 8 25 0.75...10 16/16 OT16F8 1SCA104836R1001 0.31 8 32 0.75...10 25/20 OT25F8 1SCA104882R1001 0.31 8 40 0.75...10 40/23 OT40F8 1SCA104938R1001 0.31 8 63 1.5...35 63/63 OT63F8 1SCA105381R1001 0.67 8 80 1.5...35 80/75 OT80F8 1SCA105429R1001 0.67 8 115 10...70 100/80 OT100F8 1SCA105022R1001 1.10 8 125 10...70 125/90 OT125F8 1SCA105059R1001 1.10 — Front operated switch-disconnectors, door mounting, IEC Including protected terminal clamps, IP20. Handle and shaft are not included. Number of poles Open air thermal current Ith Copper cable cross section Rated operat. currents AC22A/AC23A 400...415 V Type Order code Weight/ unit A mm² A/A kg 3 25 0.75...10 16/16 OT16FT3 1SCA104838R1001 0.13 4 25 0.75...10 16/16 OT16FT4N2 1SCA105711R1001 0.16 3 32 0.75...10 25/20 OT25FT3 1SCA104884R1001 0.13 4 32 0.75...10 25/20 OT25FT4N2 1SCA104900R1001 0.16 3 40 0.75...10 40/23 OT40FT3 1SCA104940R1001 0.13 4 40 0.75...10 40/23 OT40FT4N2 1SCA104956R1001 0.16 3 63 1.5...35 63/63 OT63FT3 1SCA105382R1001 0.28 4 63 1.5...35 63/63 OT63FT4N2 1SCA105393R1001 0.35 3 80 1.5...35 80/75 OT80FT3 1SCA105431R1001 0.28 4 80 1.5...35 80/75 OT80FT4N2 1SCA105499R1001 0.35 3 115 10...70 100/80 OT100FT3 1SCA105023R1001 0.40 4 115 10...70 100/80 OT100FT4N2 1SCA105031R1001 0.54 3 125 10...70 125/90 OT125FT3 1SCA105060R1001 0.40 4 125 10...70 125/90 OT125FT4N2 1SCA105066R1001 0.54 — Manual switch-disconnectors OT16...160, IEC Ordering information OT100...125F8 OT16...40F6 OT63...80F8 OT16...40FT3 OT63...80FT3 OT100...125FT3 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 23 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 23 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |