Electronic Components Datasheet Search
  English  ▼

X  

OT63F Datasheet(PDF) 78 Page - ABB

Part # OT63F
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT63F Datasheet(HTML) 78 Page - ABB

Back Button OT63F Datasheet HTML 74Page - ABB OT63F Datasheet HTML 75Page - ABB OT63F Datasheet HTML 76Page - ABB OT63F Datasheet HTML 77Page - ABB OT63F Datasheet HTML 78Page - ABB OT63F Datasheet HTML 79Page - ABB OT63F Datasheet HTML 80Page - ABB OT63F Datasheet HTML 81Page - ABB OT63F Datasheet HTML 82Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 192 page
background image
—
Front operated switch-disconnectors OT160...800 with wide phase distance,
base mounting, IEC
The phase barriers are mounted as standard. Including a black ON-OFF plastic handle and
shaft as standard. The handle is IP65 protected, padlockable in the OFF-position. The door
is interlocked when the handle is in ON position and in OFF position when the handle is
padlocked. The shaft can be adjusted to different installation depths, see mounting
depths in page 127.
Number
of poles
Open air thermal
current Ith
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
A/A
kg
3
200
200/160
OT160EV03WP
1SCA120517R1001
1.8
4
200
200/160
OT160EV04WP 1SCA120523R1001
2.2
3
200
200/160
OT160EV12WP
1SCA120606R1001
1.8
4
200
200/160
OT160EV22WP 1SCA120539R1001
2.2
3
200
200/200
OT200E03WP
1SCA022744R2670
1.8
4
200
200/200
OT200E04WP
1SCA022744R3130
2.2
3
200
200/200
OT200E12WP
1SCA022744R2910
1.8
4
200
200/200
OT200E22WP
1SCA022744R3300
2.2
3
250
250/250
OT250E03WP
1SCA022744R3560
1.8
4
250
250/250
OT250E04WP
1SCA022744R3810
2.2
3
250
250/250
OT250E12WP
1SCA022745R0000
1.8
4
250
250/250
OT250E22WP
1SCA022745R0180
2.2
3
315
315/315
OT315E03WP
1SCA022809R8650
3.4
4
315
315/315
OT315E04WP
1SCA022809R8900
4.0
3
315
315/315
OT315E12WP
1SCA022809R9380
3.4
4
315
315/315
OT315E22WP
1SCA022810R0900
4.0
3
400
400/400
OT400E03WP
1SCA022809R8310
3.4
4
400
400/400
OT400E04WP
1SCA022809R8810
4.0
3
400
400/400
OT400E12WP
1SCA022809R9200
3.4
4
400
400/400
OT400E22WP
1SCA022810R0570
4.0
—
Shafts, pistol handles and terminal bolt kits included as standard
Suitable for switches
Shaft
Handle
Terminal bolt kit
OT200…250_P
OXP6X210
OHB65J6
M8x25
OT315…400_P
OXP12X185
OHB95J12
M10x30
OT160EV04WP
OT200...250E04WP
OT160EV22WP
OT200...250E22WP
—
Manual switch-disconnectors OT160...4000, IEC
Ordering information
78
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
78
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com