Electronic Components Datasheet Search
  English  ▼

X  

OT63F Datasheet(PDF) 115 Page - ABB

Part # OT63F
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT63F Datasheet(HTML) 115 Page - ABB

Back Button OT63F Datasheet HTML 111Page - ABB OT63F Datasheet HTML 112Page - ABB OT63F Datasheet HTML 113Page - ABB OT63F Datasheet HTML 114Page - ABB OT63F Datasheet HTML 115Page - ABB OT63F Datasheet HTML 116Page - ABB OT63F Datasheet HTML 117Page - ABB OT63F Datasheet HTML 118Page - ABB OT63F Datasheet HTML 119Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 192 page
background image
ø10
0.39
260
10.24
A1
63
2.48
63
2.48
A
B
164
6.46
82
3.23
50
1.97
270
10.64
43
1.69
50
1.97
A2
546
21.51
373
14.69
328
12.92
258
8.98
176
6.93
64,5
2.54
309
12.17
335
13.2
15
0.59
83
3.27
206
8.12
106
4.18
14
0.55
295
11.62
358...444/14.1...17.49
(OXP12x185)
80
3.15
70
2.76
54
2.13
274
10.79
12
0.47
ø 22
0.87
OT 1600-2000U_
[mm/in]
12
13
22
A
125/4.92
125/4.92
125/4.92
A1
230/9.06
230/9.06
230/9.06
A2
415/16.35 540/21.27 540/21.27
B
445/17.53 570/22.46 570/22.46
M00496/OT2000U12-22 A
OT1600...2000U
Mechanism between the poles
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated non-fusible disconnect switches OT200...2000, base mounting, UL/CSA
Main dimensions mm, inches
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
115
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com