Electronic Components Datasheet Search
  English  ▼

X  

OT60F Datasheet(PDF) 11 Page - ABB

Part # OT60F
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT60F Datasheet(HTML) 11 Page - ABB

Back Button OT60F Datasheet HTML 7Page - ABB OT60F Datasheet HTML 8Page - ABB OT60F Datasheet HTML 9Page - ABB OT60F Datasheet HTML 10Page - ABB OT60F Datasheet HTML 11Page - ABB OT60F Datasheet HTML 12Page - ABB OT60F Datasheet HTML 13Page - ABB OT60F Datasheet HTML 14Page - ABB OT60F Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 192 page
background image
—
Manual switch-disconnectors OT16...160
Compact and reliable performance
Manual switch-disconnectors by ABB are suitable for a wide range of demanding
applications ranging from machinery to entire photovoltaic installations. They have
been designed to be compact and reliable, offering high performance in even the
most demanding environments.
ABB switch-disconnectors are
designed, built and tested for the best
possible performance. They are
designed to be virtually maintenance-
free across their entire extended
lifespan and offer reliable performance
in any and all possible circumstances.
Durability has been ensured by testing
switches against the IEC60947-3,
UL508, UL98 and CSA standards.
All our switches have been designed
for easy and cost-efficient installation,
maintenance and use. Their modular
design and smaller dimensions enable
installation into even the smallest
enclosures saving precious space and
significantly reducing material,
handling and installation costs. The
simple design also makes use easy,
even without previous experience or
training.
ABB switch-disconnectors come
equipped with a comprehensive range
of inbuilt safety features. All
motorized switches can also be
operated manually in emergency
situations, but can also be padlocked
when the handle is removed to prevent
unwanted manual or remote
operations or enable safe
maintenance work.
—
Easy to install
—
Optimized logistics
—
Safety and protection
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
11
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com