Electronic Components Datasheet Search
  English  ▼

X  

OT40F3 Datasheet(PDF) 30 Page - ABB

Part # OT40F3
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT40F3 Datasheet(HTML) 30 Page - ABB

Back Button OT40F3 Datasheet HTML 26Page - ABB OT40F3 Datasheet HTML 27Page - ABB OT40F3 Datasheet HTML 28Page - ABB OT40F3 Datasheet HTML 29Page - ABB OT40F3 Datasheet HTML 30Page - ABB OT40F3 Datasheet HTML 31Page - ABB OT40F3 Datasheet HTML 32Page - ABB OT40F3 Datasheet HTML 33Page - ABB OT40F3 Datasheet HTML 34Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
—
Manual switch-disconnectors OT16...160
Dimensional drawings
Front operated switch-disconnectors, door mounting, IEC
65/2.56
69/2.72
72
2.83
15
0.59
17,5
0.69
17,5
0.69
54
2.13
11
0.43
11
0.43
52,5/2.07
37
1.46
OA1G01
OTS63T3
OA1G10
36/1.42
13/OT63-80FT
17,5
0.69
OTPS80FP
OH_ S1=25/0.98
OH _S2=34,5/1.36
OH_ 1
=50/1.97
OH_ 2
=65/2.56
OH_ S1R
OH_ S2R
35/1.38
36
1.42
48
1.89
48/1.89
65
2.56
Ø
OTS63T1
45,5/1.79
6/0.24 3/0.12
Nimitys
Title
Piirustus No.
Document No.
Versio
Revision
Sivu
Sheet
2016-09-06
T Mäkkylä
Mittapiirustus
Dimension drawing
ABB Oy
Protection and Connection
Teki
Prepared
Muutokset
Changes
D
D) Inches added
mm
in
35
1.38
12
0.47
9
0.35
OH_ S1P_
OH_ S2P_
OH_ S1=25/0.98
OH_ S2=34,5/1.36
85/3.35
OH_ S1=50/1.97
OH_ S2=65/2.56
52/2.05
54
2.13
12
0.47
11
0.43
11
0.43
40
1.57
11
0.43
11
0.43
22
0.87
35
1.38
37
1.46
OA1G01
OTS40T3
OA1G10
27/1.06
6/0.24
5,5
0.22
OTPS40FDN2
13,5
0.53
36
1.42
36/1.42
43/1.69
43
1.69
3/0.12
ø3/0.12
OH_ S1=25/0.98
OH_ S2=34,5/1.36
OH_ S1
=50/1.97
OH_ S2
=65/2.56
OH_S1R
OH_ S2R
68/2.68
OH_ S1P_
OH_ S2P_
OH_ S1=25/0.98
OH_ S2=34,5/1.36
OH_ S1=50/1.97
OH_ S2=65/2.56
OTS40T1
40/1.57
13/OT16-40FT
Nimitys
Title
Piirustus No.
Document No.
Versio
Revision
Sivu
Sheet
2016-09-07
T Mäkkylä
Mittapiirustus
Dimension drawing
ABB Oy
Protection and Connection
Teki
Prepared
Muutokset
Changes
C
C) Inches added
OT16...40FT3, _FT4, door mounting
OT63...80FT3, _FT4, door mounting
Main dimensions mm, inches
30
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
30
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com