Electronic Components Datasheet Search
  English  ▼

X  

DIA57070 Datasheet(PDF) 17 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA57070
Description  Automotive Fully Integrated H-bridge Motor Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA57070 Datasheet(HTML) 17 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA57070 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA57070 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA57070 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA57070 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA57070 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA57070 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA57070 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA57070 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA57070 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DIA57070
Version 1.2, Oct 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
13
Table 4. Truth table: OFF-state
INA
INB
SEL0 PWM
OUTA
OUTB
CS
Description
OFF-state diagnostic
0
0
1
0
VOUTA >
VOL
X
VSENSEH
Case 1. OUTA shorted to VCC if no pull-up
resistor is applied
Case 2. No open-load in full bridge configuration
with an external pull-up resistor on OUTB
Case 3. open-load in half bridge configuration
with an external pull-up resistor on OUTA (motor
connected between OUTA and Ground)
VOUTA <
VOL
X
Hi-Z
Case 1. Open-load in full bridge configuration
with an external pull-up resistor on OUTB
Case 2. No open-load in half bridge
configuration with an external pull-up resistor on
OUTA (motor connected between OUTA and
Ground)
0(1,2)
X
VOUTB >
VOL
VSENSEH
Case 1. OUTB shorted to VCC if no pull-up
resistor is applied
Case 2. No open-load in full bridge configuration
with an external pull-up resistor on OUTA
Case 3. Open-load in half bridge configuration
with an external pull-up resistor on OUTB (motor
connected between OUTB and Ground)
X
VOUTB <
VOL
Hi-Z
Case 1. Open-load in full bridge configuration
with an external pull-up resistor on OUTA
Case 2. No open-load in half bridge
configuration with an external pull-up resistor on
OUTB (motor connected between OUTB and
Ground)
Note:
(1) The device enters standby mode after standby mode blanking time.
(2) To power on the device from the standby, toggle INA or INB from 0 to 1 first and then PWM from 0 to 1 to avoid any
over-stress on the device in case of short-to-battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com