Electronic Components Datasheet Search
  English  ▼

X  

DIA7976APADJCD6 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976APADJCD6
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976APADJCD6 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976APADJCD6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD6 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD6 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic
charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses
sufficient energy, damage might occur to the device due to localized overheating.
Symbol
Condition
Value
Unit
HBM
JEDEC JS-001
±4000
V
CDM
JEDEC JS-002
±2000
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal resistance
is, the lower the heat loss. Accumulation of heat energy degrades the performance of semiconductor
components.
Symbol
Thermal Metric
DFN6
DFN8
SOT23-5
Unit
RθJA
Junction-to-ambient thermal resistance
96.6
82.43
150
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.03
32.11
93.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com