Electronic Components Datasheet Search
  English  ▼

X  

DIA7976BADJST5 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976BADJST5
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976BADJST5 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976BADJST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7976BADJST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7976BADJST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7976BADJST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7976BADJST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7976BADJST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA7976BADJST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA7976BADJST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA7976BADJST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to damage the
device permanently. Do not design to the maximum limits because long-time exposure to them might impact the
device’s reliability. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VIN
Supply voltage
-0.3 to 6.6
V
VEN
Enable voltage
-0.3 to 6.6
VFB
Feedback voltage
-0.3 to 2
VPG
Power-good voltage
-0.3 to 6.6
VOUT
Output voltage
-0.3 to VIN + 0.3 (1)
IOUT
Output current
Internally limited
IPG
Power-good current
-10 to 10
mA
TJ
Operating junction temperature
-40 to 150
°C
TSTG
Storage temperature
-65 to 150
Note:
(1) The absolute maximum rating is VIN + 0.3 V or 6.0 V, whichever is smaller.
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications.
The ratings are obtained over an operating free-air temperature range unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
1.7 to 6.0
V
VOUT
Output voltage
Adjustable only
0.55 to 5.5
V
Fixed only
0.65 to 5.0
V
IOUT
Output current
0 to 500
mA
CIN
Input capacitor
≥ 1
μF
COUT
Output capacitor(1)
1 to 22
μF
CFF
Feed-forward capacitor
10
nF
VEN
Enable voltage
0 to 6
V
VPG
PG voltage
0 to 6
V
TJ
Junction operating temperature
-40 to 150
°C
Note:
(1) Minimum derated capacitance of 0.47 µF is required for stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com