Electronic Components Datasheet Search
  English  ▼

X  

CFP11F Datasheet(PDF) 8 Page - Clarke International

Part # CFP11F
Description  AIR COMPRESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFP11F Datasheet(HTML) 8 Page - Clarke International

Back Button CFP11F Datasheet HTML 4Page - Clarke International CFP11F Datasheet HTML 5Page - Clarke International CFP11F Datasheet HTML 6Page - Clarke International CFP11F Datasheet HTML 7Page - Clarke International CFP11F Datasheet HTML 8Page - Clarke International CFP11F Datasheet HTML 9Page - Clarke International CFP11F Datasheet HTML 10Page - Clarke International CFP11F Datasheet HTML 11Page - Clarke International CFP11F Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
5. When the engine is running steadily, gradually return the choke lever to the
normal running position (to the right).
6. When the engine is running steadily, turn off and attach an air hose to the
compressed air outlet and to the air driven tool.
OIL ALERT SYSTEM
An oil alert system is fitted to prevent engine damage caused by insufficient oil in the
crankcase. Before the oil can fall below a safe limit the oil alert system will
automatically stop the engine although the throttle lever remains in a running
position.
If the engine stops and will not re-start, check the engine oil level before
troubleshooting other areas.
ATTACHING AIR TOOLS
1. Attach the air hose to the air outlet
using an appropriate connector.
2. Attach the air tool to the other end of
the air hose.
• If using snap couplings, use a
whip end, available from your
CLARKE dealer.
3. Restart the engine and allow
pressure to build up in the receiver.
• The gauge will show the available pressure in the receiver.
4. Check the system for air leaks. If any are apparent, stop the engine and operate
the air tool until the air pressure is at zero before rectifying leaks.
NOTE: A self-relieving regulator is fitted which will vent excess air pressure
from the bleed hole when the pressure reaches the maximum. operating
pressure for the compressor.
5. Turn the pressure regulator (clockwise to increase pressure) and proceed to use
your air tool in accordance with its own product instructions.
SUBSEQUENT STARTING
1. Connect the air hose to the air outlet and tool and set the pressure regulator to
zero pressure (turned fully anticlockwise).
WARNING: BEFORE CONNECTING AIR TOOLS, MAKE SURE THAT
YOU READ THE INSTRUCTIONS SUPPLIED WITH THE TOOL. ENSURE
THAT THE AIR TOOL IS SUITABLE FOR USE WITH THIS
COMPRESSOR AND HOSE SPECIFICATIONS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com