Electronic Components Datasheet Search
  English  ▼

X  

CAT207 Datasheet(PDF) 2 Page - Clarke International

Part # CAT207
Description  3/8”AIR DRILL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT207 Datasheet(HTML) 2 Page - Clarke International

  CAT207 Datasheet HTML 1Page - Clarke International CAT207 Datasheet HTML 2Page - Clarke International CAT207 Datasheet HTML 3Page - Clarke International CAT207 Datasheet HTML 4Page - Clarke International CAT207 Datasheet HTML 5Page - Clarke International CAT207 Datasheet HTML 6Page - Clarke International CAT207 Datasheet HTML 7Page - Clarke International CAT207 Datasheet HTML 8Page - Clarke International CAT207 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Air Drill.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATION
Please note that the details and specifications contained herein are correct
at the time of going to print. However CLARKE International reserve the right to
change specifications at any time without prior notice.
Model Numbers
CAT207
Min. Hose Size (ID)
9.5 mm (3/8”)
Chuck Size
1.5 - 10 mm
Operating Pressure
90 psi (6.2 bar)
Air Consumption
4.5 cfm (average)
Max No Load Speed
20000 rpm @ 90psi
Speed settings
Setting 1 - 11,000 rpm
Setting 2 - 15,000 rpm
Setting 3 - 18,000 rpm
Setting 4 - 20,000 rpm
Air Inlet Size
1/4“BSP Female
Sound Pressure Level (LpA dB)
76 dB(A)
Sound Power Level (LwA dB)
87 dB(A)
Vibration Levels
1.87 m/s2
Vibration Uncertainty K
1.5
Dimensions (L x W x H)
216 x 71 x 43 mm
Weight
0.7 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com