Electronic Components Datasheet Search
  English  ▼

X  

ECF504-SC3 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ECF504-SC3
Description  CAT 3 SHLD RJ45 PNL CPLR KIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ECF504-SC3 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ECF504-SC3 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.900
22.86
.675
17.15
F
1- PACKAGE MOUNTING SCREWS (4-40x 1/4")
1- FLANGE ADAPTOR
1- SHIELDED COUPLER
KIT INCLUDES:
KITS SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM PACKAGING SPECIFICATION PS-0031.
KIT SHOWN FULLY ASSEMBLED FOR CLARITY
(KIT IS SHIPPED UN-ASSEMBLED)
REGULATORY COMPLIANCE:
ROHS, CE
NOTES:
MATERIAL:
FLANGED ADAPTOR: ZINC ALLOY
HARDWARE: STAINLESS STEEL.
FINISH:
FLANGED ADAPTOR: NICKEL PLATE.
MISCELLANEOUS:
CURRENT RATING: 1.5A
PACKAGING:
F
1
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
ECF504-SC3
D.PARHAM
ECF504-SC3.SLDDRW
8
1
F
MAY OCCUR
7/2/03
REVISIONS
DESCRIPTION
APPROVED
REV
F
7/1/03
ECN 6881: UPDATED DWG FORMAT, PKG, AND UPD PICTORALLY
DATE
R.CARRICK
6/17/13
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
7/3/03
UNLESS OTHERWISE SPECIFIED,
TELECOM/MODULAR
PROJECTION
43321
B.MAZEJKA
UNDIMENSIONED FEATURES
CAT 3 SHLD RJ45 PNL CPLR KIT
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
CAT 3 SHIELDED RJ45 KEYSTONE COUPLER
FLANGE MOUNTED KEYSTONE ADAPTOR
(L-COM P/N: TDG1026KS-8P)
2X 4-40UNC-2A
X 1/4" LONG
RECOMMENDED
PANEL OPENING
2X #4-40 UNC-2B THRU
1.142
29.01
.75
19.1
1.40
35.6
1.13
28.6
.07
1.8


Similar Part No. - ECF504-SC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECF504-SC5E ETC2-ECF504-SC5E Datasheet
72Kb / 1P
KIT, PANEL COUPLER, DELUXE, CAT 5E SHLD RJ45
logo
Infinite Electronics In...
ECF504-SC5E-MIN L-COM-ECF504-SC5E-MIN Datasheet
76Kb / 1P
TELECOM/MODULAR
REV.A
ECF504-SC5E-MINI L-COM-ECF504-SC5E-MINI Datasheet
76Kb / 1P
TELECOM/MODULAR
REV.A
ECF504-SC5E-MINI L-COM-ECF504-SC5E-MINI Datasheet
76Kb / 1P
C5E SHD RJ45 PNL MINI CPLR KIT
12/05/16
ECF504-SC5E-MINI. L-COM-ECF504-SC5E-MINI. Datasheet
76Kb / 1P
TELECOM/MODULAR
REV.A
More results

Similar Description - ECF504-SC3

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
logo
Winchester Electronics ...
SDKA-19-216-M06 WINCHESTER-SDKA-19-216-M06 Datasheet
58Kb / 1P
JK, PNL, TNC
logo
List of Unclassifed Man...
ECF504-SC5E ETC2-ECF504-SC5E Datasheet
72Kb / 1P
KIT, PANEL COUPLER, DELUXE, CAT 5E SHLD RJ45
logo
Winchester Electronics ...
0127-050-00402 WINCHESTER-0127-050-00402 Datasheet
292Kb / 1P
RCPT, PNL, TNC 4 PIECE CONNECTOR KIT
logo
Level One
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
HDMI over Cat.5 Extender kit
logo
Virginia Panel Corporat...
310113586 VPC-310113586 Datasheet
109Kb / 2P
6 POS. I2 MNTNG PNL KIT
310113547 VPC-310113547 Datasheet
106Kb / 2P
MNTNG PNL KIT
logo
List of Unclassifed Man...
TDS8PC6 ETC2-TDS8PC6 Datasheet
61Kb / 1P
RJ45 CAT6 SHLD PLUG W/ STRN RL
Rev. E
logo
Electronic Components L...
CP30222 CLIFF-CP30222 Datasheet
184Kb / 1P
CAT.6 RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30225S CLIFF-CP30225S Datasheet
277Kb / 1P
CAT RJ45 FEEDTHROUGH CONNECTOR
07/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com