Electronic Components Datasheet Search
  English  ▼

X  

V29C51001B Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V29C51001B
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51001B Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V29C51001B Datasheet HTML 1Page - Mosel Vitelic, Corp V29C51001B Datasheet HTML 2Page - Mosel Vitelic, Corp V29C51001B Datasheet HTML 3Page - Mosel Vitelic, Corp V29C51001B Datasheet HTML 4Page - Mosel Vitelic, Corp V29C51001B Datasheet HTML 5Page - Mosel Vitelic, Corp V29C51001B Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51001B Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51001B Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51001B Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
MOSEL VITELIC
V29C51001T/V29C51001B
V29C51001T/V29C51001B Rev. 0.8 October 2000
OPERATING VOLTAGE
51: 5V
31: 3V
DEVICE
SPEED
51001-01
V
29
C
001
51
BOOT BLOCK LOCATION
T: TOP
B: BOTTOM
T
–
45: 45ns
70: 70ns
90: 90ns
BLANK (STANDARD)
BLANK (0
°C TO 70°C)
P = PDIP
T = TSOP-I
J = PLCC
POWER TEMP.
PKG.
Pin Configurations
N/C
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
1
2
3
4
5
6
8
9
10
11
12
13
14
15
16
30
31
32
29
28
27
26
25
7
24
23
22
21
20
32-Pin PDIP
Top View
VCC
WE
NC
A14
A13
A8
A9
A11
OE
A10
CE
I/O3
I/O4
I/O5
I/O6
I/O7
19
18
17
51001-02
Pin Names
A0–A16
Address Inputs
I/O0–I/O7
Data Input/Output
CE
Chip Enable
OE
Output Enable
WE
Program Enable
VCC
5V
± 10% Power Supply
GND
Ground
NC
No Connect
A11
A9
A8
A13
A14
NC
WE
VCC
N/C
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
8
9
10
11
12
13
14
15
16
30
31
32
29
28
27
26
25
7
24
23
22
21
20
32-Pin TSOP I
Standard Pinout
Top View
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
A3
A2
A1
A0
I/O0
19
18
17
51001-04
A6
A5
A4
A3
A2
A1
I/O0
5
6
7
8
9
10
11
12
13
29
51001-03
28
27
26
25
24
23
22
21
A0
14
A7
A13
A8
A9
A11
OE
A10
I/O7
CE
A14
32 Pin PLCC
Top View
15 16 17 18 19 20
4
3
2
1
32 31 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com