Electronic Components Datasheet Search
  English  ▼

X  

OPGS1 Datasheet(PDF) 170 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 170 Page - ABB

Back Button OPGS1 Datasheet HTML 166Page - ABB OPGS1 Datasheet HTML 167Page - ABB OPGS1 Datasheet HTML 168Page - ABB OPGS1 Datasheet HTML 169Page - ABB OPGS1 Datasheet HTML 170Page - ABB OPGS1 Datasheet HTML 171Page - ABB OPGS1 Datasheet HTML 172Page - ABB OPGS1 Datasheet HTML 173Page - ABB OPGS1 Datasheet HTML 174Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 192 page
background image
—
Accessories for motorized switch-disconnectors
Ordering information for handle accessories
OTVS2
—
Handle and spare fuse storage clip for motorized switches OTM_
OTM40...125, the handle can be stored in the handle storage clip OTVS0. The clip can be
fixed to a panel frame using the included adhesive tape. OTM160…4000, the handle and
two spare fuses can be stored in the OTVS1 and OTVS2. OTVS1 and OTVS2 can be installed
onto the left side of the motorized switch-disconnector OTM. Snap-on mounting, no tools
required. On OTM1000...4000E_, the size of the handle prevents the installation onto
the switch frame. However, the handle clip can be installed separately onto the panel frame
and the fuse holder clip onto the switch frame.
Suitable for switches
Type
Order code
Weight/
type
kg
OTM40...125F
OTVS0
1SCA117524R1001
0.02
OTM160...250E
OTVS1
1SCA111413R1001
0.02
OTM315...4000E
OTVS2
1SCA111414R1001
0.04
OTV250EMK
OTV1000EMK
170
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
170
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
—
Direct mount handles
Includes a shaft and a mechanism cover. Indication OFF-ON / O-I. Padlockable with three pad-
locks in OFF position. Includes also microswitch.
Suitable for
switches
Colour
Handle length
Type
Order number
Weight/
type
mm
kg
OTM160…250
Black
65
OTV250EMK
1SCA104736R1001
0.09
OTM315…400
Black
95
OTV400EMK
1SCA104737R1001
0.21
OTM630…800
Black
145
OTV800EMK
1SCA104738R1001
0.27
OTM1000…2500
Black
2x200
OTV1000EMK
1SCA111300R1001
0.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com