Electronic Components Datasheet Search
  English  ▼

X  

OPGS1 Datasheet(PDF) 172 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 172 Page - ABB

Back Button OPGS1 Datasheet HTML 168Page - ABB OPGS1 Datasheet HTML 169Page - ABB OPGS1 Datasheet HTML 170Page - ABB OPGS1 Datasheet HTML 171Page - ABB OPGS1 Datasheet HTML 172Page - ABB OPGS1 Datasheet HTML 173Page - ABB OPGS1 Datasheet HTML 174Page - ABB OPGS1 Datasheet HTML 175Page - ABB OPGS1 Datasheet HTML 176Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 192 page
background image
—
Accessories for motorized switch-disconnectors
Technical data for auxiliary contacts
Performance data of auxiliary contacts according to IEC 60947-5-1
For OA1G_, OA2G_, OA3G_, OA8G_
Ui
690 V
Uimp
4 kV
Pollution degree
3
Ith
16 A
Cable size
1...2 x 0.75...2.5 mm², use pin-head terminals for other wire sizes
Maximum fuse
16 A / gG
NEMA
A600, R300, wire size: 18 - 14 AWG, 1(2)
For OA1G_, OA2G_, OA3G_, OA8G_
AC15
DC12
DC13
Ue
Ie
Ue
Ie
P
Ie
P
V AC
A
V DC
A
W
A
W
230
6
24
10
240
2
50
400
4
72
4
290
0.8
60
415
4
125
2
250
0.55
70
690
2
250
0.55
140
0.27
70
440
0.1
44
172
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
172
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com