Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 42 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 42 Page - ABB

Back Button OPB2 Datasheet HTML 38Page - ABB OPB2 Datasheet HTML 39Page - ABB OPB2 Datasheet HTML 40Page - ABB OPB2 Datasheet HTML 41Page - ABB OPB2 Datasheet HTML 42Page - ABB OPB2 Datasheet HTML 43Page - ABB OPB2 Datasheet HTML 44Page - ABB OPB2 Datasheet HTML 45Page - ABB OPB2 Datasheet HTML 46Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 192 page
background image
—
Accessories for manual switch-disconnectors OT16...160
Dimensional drawings for handles
Minimum distance L between the hinge, handle and shaft
L
hinge
shaft
Round padlockable handle types OZ331P_ and OZ371P_
Handle type
OZ331P_
OZ371_
mm/in
mm/in
A
24/0.94
21/0.83
B
3-10/0.12-0.39 4-5/0.16-0.20
KE00031
66/2.6
A
35/1.38
B
66/2.6
66
min 5/0.2
Shaft size 6/0.24
66/2.6
A
35/1.38
66/2.6
Shaft size 6/0.24
min 5/0.2
66/2.6
A
35/1.38
B
66/2.6
66
min 5/0.2
Shaft size 6/0.24
Handle type
Shaft diameter
B
Length L
mm/in
mm/in
OH_45J6
6/0.24
45/1.77
Pistol handle
L
B
Ø 66/2.36
45/1.77
36/1.42
Sizes
Length L
Handle type
A
mm/in
OT16...125
75/2.95
OH_1, OH_2, OH_3
S00374C
Ø31/1.22
OFF
ON
45°
53/2.24
mm/in
Ø5/0.28
Door drilling for OH_ handles:
Main dimensions mm, inches
I ON
34/1.34
65/2.56
41,5
1.63
10
0.39
14/0.55
Ø40
1.57
M22x1/
M0.87x0.04
3
0.12
24,5
0.96
22,5
0.89
19
0.75
mm
in
42
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
42
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com