Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 115 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 115 Page - ABB

Back Button OPB2 Datasheet HTML 111Page - ABB OPB2 Datasheet HTML 112Page - ABB OPB2 Datasheet HTML 113Page - ABB OPB2 Datasheet HTML 114Page - ABB OPB2 Datasheet HTML 115Page - ABB OPB2 Datasheet HTML 116Page - ABB OPB2 Datasheet HTML 117Page - ABB OPB2 Datasheet HTML 118Page - ABB OPB2 Datasheet HTML 119Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 192 page
background image
ø10
0.39
260
10.24
A1
63
2.48
63
2.48
A
B
164
6.46
82
3.23
50
1.97
270
10.64
43
1.69
50
1.97
A2
546
21.51
373
14.69
328
12.92
258
8.98
176
6.93
64,5
2.54
309
12.17
335
13.2
15
0.59
83
3.27
206
8.12
106
4.18
14
0.55
295
11.62
358...444/14.1...17.49
(OXP12x185)
80
3.15
70
2.76
54
2.13
274
10.79
12
0.47
ø 22
0.87
OT 1600-2000U_
[mm/in]
12
13
22
A
125/4.92
125/4.92
125/4.92
A1
230/9.06
230/9.06
230/9.06
A2
415/16.35 540/21.27 540/21.27
B
445/17.53 570/22.46 570/22.46
M00496/OT2000U12-22 A
OT1600...2000U
Mechanism between the poles
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated non-fusible disconnect switches OT200...2000, base mounting, UL/CSA
Main dimensions mm, inches
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
115
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com