Electronic Components Datasheet Search
  English  ▼

X  

07D Datasheet(PDF) 2 Page - HUAAN LIMITED

Part # 07D
Description  07D Straight Leads
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAAN [HUAAN LIMITED]
Direct Link  http://www.huaandz.com/
Logo HUAAN - HUAAN LIMITED

07D Datasheet(HTML) 2 Page - HUAAN LIMITED

  07D Datasheet HTML 1Page - HUAAN LIMITED 07D Datasheet HTML 2Page - HUAAN LIMITED 07D Datasheet HTML 3Page - HUAAN LIMITED 07D Datasheet HTML 4Page - HUAAN LIMITED 07D Datasheet HTML 5Page - HUAAN LIMITED 07D Datasheet HTML 6Page - HUAAN LIMITED 07D Datasheet HTML 7Page - HUAAN LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
07D Straight Leads Series
Electrical Characteristics
Part
Number
Maximum
Allowable
Voltage
Varistor Voltage
±10% tolerance
Maximum
Clamping
Voltage
Max
Surge
Current
8/20μs
Maximum
Energy
(10/1000μs)
Typical
Capacitance
(Reference)
Safety
Certification
Standard MOV
VAC(V) VDC(V)
V1mA(V)
VC@10A
Imax
(J)
1KHz(pf)
UL
VDE
07D180K
11V
14V
18V(15.3V~20.7V)
36V
250A
0.9J
2800pF
√
√
07D220K
14V
18V
22V(19.8V~24.2V)
43V
250A
1.1J
2300pF
√
√
07D270K
17V
22V
27V(24.3V~29.7V)
53V
250A
1.4J
1800pF
√
√
07D330K
20V
26V
33V(29.7V~36.3V)
66V
250A
1.7J
1500pF
√
√
07D390K
25V
31V
39V(35.1V~42.9V)
77V
250A
2.1J
1300pF
√
√
07D470K
30V
38V
47V(42.3V~51.7V)
93V
250A
2.5J
1100pF
√
√
07D560K
35V
45V
56V(50.4V~61.6V)
100V
250A
3.1J
890pF
√
√
07D680K
40V
56V
68V(61.2V~74.8V)
135V
250A
3.6J
740pF
√
√
07D820K
50V
65V
82V(73.8V~90.2V)
135V
1200A
5.0J
600pF
√
√
07D101K
60V
85V
100V(90V~110V)
165V
1200A
6.5J
500pF
√
√
07D121K
75V
100V
120V(108V~132V)
200V
1200A
7.8J
420pF
√
√
07D151K
95V
125V
150V(135V~165V)
250V
1200A
9.7J
330pF
√
√
07D181K 115V
150V
180V(162V~198V)
300V
1200A
11.7J
280pF
√
√
07D201K 130V
170V
200V(180V~220V)
340V
1200A
13.0J
250pF
√
√
07D221K 140V
180V
220V(198V~242V)
360V
1200A
14.0J
230pF
√
√
07D241K 150V
200V
240V(216V~264V)
395V
1200A
15.0J
210pF
√
√
07D271K 175V
225V
270V(243V~297V)
455V
1200A
18.0J
185pF
√
√
07D301K 190V
250V
300V(270V~330V)
500V
1200A
20.0J
165pF
√
√
07D331K 210V
275V
330V(297V~363V)
550V
1200A
23.0J
150pF
√
√
07D361K 230V
300V
360V(324V~396V)
595V
1200A
25.0J
140pF
√
√
07D391K 250V
320V
390V(351V~429V)
650V
1200A
25.0J
130pF
√
√
07D431K 275V
350V
430V(387V~473V)
710V
1200A
28.0J
115pF
√
√
07D471K 300V
385V
470V(423V~517V)
775V
1200A
30.0J
105pF
√
√
07D511K 320V
415V
510V(459V~561V)
845V
1200A
30.0J
100pF
√
√
07D561K 350V
460V
560V(504V~616V)
925V
1200A
30.0J
90pF
√
√
07D621K 385V
505V
620V(558V~682V)
1025V
1200A
33.0J
80pF
√
-
07D681K 420V
560V
680V(612V~748V)
1120V
1200A
33.0J
75pF
√
-
07D751K 460V
615V
750V(675V~825V)
1240V
1200A
65.0J
70pF
√
-
07D781K 485V
640V
780V(702V~858V)
1290V
1200A
65.0J
70pF
√
-
07D821K 510V
670V
820V(738V~902V)
1355V
1200A
65.0J
60pF
√
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com