Electronic Components Datasheet Search
  English  ▼

X  

M29F400 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M29F400
Description  4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M29F400 Datasheet HTML 26Page - STMicroelectronics M29F400 Datasheet HTML 27Page - STMicroelectronics M29F400 Datasheet HTML 28Page - STMicroelectronics M29F400 Datasheet HTML 29Page - STMicroelectronics M29F400 Datasheet HTML 30Page - STMicroelectronics M29F400 Datasheet HTML 31Page - STMicroelectronics M29F400 Datasheet HTML 32Page - STMicroelectronics M29F400 Datasheet HTML 33Page - STMicroelectronics M29F400 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
TSOP-a
D1
E
1N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.05
0.037
0.041
B
0.17
0.27
0.007
0.011
C
0.10
0.21
0.004
0.008
D
19.80
20.20
0.780
0.795
D1
18.30
18.50
0.720
0.728
E
11.90
12.10
0.469
0.476
e
0.50
-
-
0.020
-
-
L
0.50
0.70
0.020
0.028
α
0
°
5
°
0
°
5
°
N48
48
CP
0.10
0.004
Drawing is not to scale.
TSOP48 Normal Pinout - 48 lead Plastic Thin Small Outline, 12 x 20mm
31/34
M29F400T, M29F400B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com