Electronic Components Datasheet Search
  English  ▼

X  

SC7233 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC7233
Description  SHEET 18 GHZ CONNECTOR N/M SEMFLEX HP190
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC7233 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC7233 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
N/M SEMFLEX HP190
18 GHZ CONNECTOR
3FKR5
ELECTRICAL
FREQUENCY: 0-18 GHZ
IMPEDANCE: 50 OHMS
MECHANICAL
MATERIALS BODY: PASSIVATED STAINLESS STEEL
MATERIALS CONTACTS: BeCu
CONTACT PLATING: Au PER MIL-G-45204
DIELECTRIC: TEFLON
ROHS COMPLIANT
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
N/M SEMFLEX HP190 18 GHZ CONNECTOR
.60"
1.30"
.375"
HEX
.750"
HEX


Similar Part No. - SC7233

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC7231 FAIRVIEW-SC7231 Datasheet
574Kb / 5P
N Male Connector Clamp/Solder Attachment For Harbour LL142 Cable
REV 1.1
SC7235 FAIRVIEW-SC7235 Datasheet
24Kb / 1P
18 GHZ CONNECTOR N/M HARBOUR LL335 Ø0.445" (11.30) FLATS (14.27) .562"
REV A
SC7237 FAIRVIEW-SC7237 Datasheet
410Kb / 4P
N Male (Plug) Connector For Semflex LA290 Cable, Clamp/Solder
REV C
More results

Similar Description - SC7233

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SM-SM50 MINI-SM-SM50 Datasheet
49Kb / 1P
Adapter, SMA-M to SMA-M 50W DC to 18 GHz
logo
Teledyne Technologies I...
CMA-18-8007 TELEDYNE-CMA-18-8007 Datasheet
892Kb / 2P
Amplifier 8 GHz - 18 GHz
CMA-26-1806 TELEDYNE-CMA-26-1806 Datasheet
892Kb / 2P
Amplifier 18 GHz - 26 GHz
CPA-18-6003 TELEDYNE-CPA-18-6003 Datasheet
894Kb / 2P
Amplifier 6 GHz - 18 GHz
CPA-18-6004 TELEDYNE-CPA-18-6004 Datasheet
894Kb / 2P
Amplifier 6 GHz - 18 GHz
logo
CRYSTEK CORPORATION
CS-NM-MSD CRYSTEKMICROWAVE-CS-NM-MSD Datasheet
92Kb / 2P
Type N Plug , Solder Clamp for Semflex LA290 Cable
logo
Pasternack Enterprises,...
PE5501-KIT PASTERNACK-PE5501-KIT Datasheet
138Kb / 1P
Type N, 18 GHz VNA Calibration Kit
logo
CRYSTEK CORPORATION
CS-NM-MSC CRYSTEKMICROWAVE-CS-NM-MSC Datasheet
78Kb / 2P
Type N Plug to HP190 Cable
logo
Crystek Corporation
CS-SM-MSC CRYSTEKCRYSTAL-CS-SM-MSC Datasheet
86Kb / 2P
SMA Plug, Solder Clamp for Semflex HP190 Cable
CS-TM-MSC CRYSTEKCRYSTAL-CS-TM-MSC Datasheet
206Kb / 3P
TNCA Plug, Solder Clamp for Semflex HP190 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com