Electronic Components Datasheet Search
  English  ▼

X  

SC9217 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC9217
Description  FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM N-PLUG PANEL POST CONTACT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC9217 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC9217 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-11 GHZ
IMPEDANCE: 50 OHMS
OP. TEMP RANGE: -55°C to +120°C
MECHANICAL:
MATERIAL BODY: BRASS NI PLATING
CENTER CONTACT: BRASS Au PLATED MIL-G-45204
INSULATOR: TEFLON
INTERFACE: MIL-STD-348
N: MIL-PRF-39012
ROHS COMPLIANT
3FKR5
N-PLUG PANEL POST CONTACT
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
N-PLUG PANEL POST CONTACT
ALL DIMENSIONS IN inches(MM) Typical
1.307"
(33.2)
.819"
(20.8)
.331"
(8.4)
.120"
(3.05)
.126" 4X
(3.2)
1.00"
(25.4)
.717"
(18.2)


Similar Part No. - SC9217

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9218 FAIRVIEW-SC9218 Datasheet
23Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM N-PLUG PANEL POST CONTACT
REV A
More results

Similar Description - SC9217

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM2432B-FE-FBH-T AZDISPLAYS-AGM2432B-FE-FBH-T Datasheet
401Kb / 13P
AZ DISPLAYS, INC.
AGM2464DC AZDISPLAYS-AGM2464DC Datasheet
55Kb / 1P
AZ DISPLAYS, INC.
GD-269P AZDISPLAYS-GD-269P Datasheet
70Kb / 1P
AZ DISPLAYS, INC.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615SW Allen Blvd
logo
Spectrum Microwave, Inc...
1202-005 SPECTRUM-1202-005 Datasheet
48Kb / 1P
FAIRVIEW PENNSYLVANIA
logo
Tyco Electronics
280232-6 MACOM-280232-6 Datasheet
47Kb / 1P
POST INSULATION FOR FASTON 6.3mm series RECEPTACLE CONTACT
logo
Freescale Semiconductor...
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
Rosenberger Hochfrequen...
53S401-200N5 ROSENBERGER-53S401-200N5 Datasheet
115Kb / 2P
N 50 PANEL PLUG
09S421-271S3 ROSENBERGER-09S421-271S3 Datasheet
85Kb / 2P
PANEL PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com