Electronic Components Datasheet Search
  English  ▼

X  

SC9218 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC9218
Description  ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM N-PLUG PANEL POST CONTACT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC9218 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC9218 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-11 GHZ
IMPEDANCE: 50 OHMS
OP. TEMP RANGE: -55°C to +120°C
MECHANICAL:
MATERIAL BODY: BRASS NI PLATING
CENTER CONTACT: BRASS Au PLATED MIL-G-45204
INSULATOR: TEFLON
INTERFACE: MIL-STD-348
N: MIL-PRF-39012
ROHS COMPLIANT
3FKR5
N-PLUG PANEL POST CONTACT
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
N-PLUG PANEL POST CONTACT
1.05(25.4)SQ
0.718
(18.2)
Ø.380(9.65)DIELECTRIC
0.325
(8.25)
0.130
(3)
X4 Ø.125(3.17)
0.475
(12)
ALL DIMENSIONS IN inches(MM) Typical


Similar Part No. - SC9218

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9217 FAIRVIEW-SC9217 Datasheet
35Kb / 1P
FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM N-PLUG PANEL POST CONTACT
REV A
More results

Similar Description - SC9218

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-66471 ETC1-C-66471 Datasheet
41Kb / 1P
PIN CONTACT, CRIMPED, 0.062, .045 x .045 POST M SERIES
logo
Pomona Electronics
2894 POMONA-2894 Datasheet
24Kb / 1P
Binding Post To Single Banana Plug
logo
CONEC Elektronische Bau...
161A18309X CONEC-161A18309X Datasheet
58Kb / 1P
CRIMP PLUG CONTACT
161A18299X CONEC-161A18299X Datasheet
58Kb / 1P
CRIMP PLUG CONTACT
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615SW Allen Blvd
logo
Tyco Electronics
280232-6 MACOM-280232-6 Datasheet
47Kb / 1P
POST INSULATION FOR FASTON 6.3mm series RECEPTACLE CONTACT
logo
Rosenberger Hochfrequen...
53S401-200N5 ROSENBERGER-53S401-200N5 Datasheet
115Kb / 2P
N 50 PANEL PLUG
09S421-271S3 ROSENBERGER-09S421-271S3 Datasheet
85Kb / 2P
PANEL PLUG
logo
Harwin Plc
M80-0400005 HARWIN-M80-0400005 Datasheet
47Kb / 1P
CRIMP PLUG CONTACT
M80-0410005 HARWIN-M80-0410005 Datasheet
47Kb / 1P
CRIMP PLUG CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com